Electronic Components Datasheet Search
  English  ▼

X  

ACJR-RED Datasheet(PDF) 1 Page - Amphenol Australia Pty Ltd.

Part # ACJR-RED
Description  FEMALE RCA JACK ASSEMBLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUDIO [Amphenol Australia Pty Ltd.]
Direct Link  https://www.amphenolaudio.com/
Logo AUDIO - Amphenol Australia Pty Ltd.

ACJR-RED Datasheet(HTML) 1 Page - Amphenol Australia Pty Ltd.

  ACJR-RED Datasheet HTML 1Page - Amphenol Australia Pty Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
E
E
F
F
SHEET
THIRD ANGLE
WITHOUT THE PRIOR WRITTEN CONSENT OF THE OWNER
LTD.. NO PART THEREOF MAY BE REPRODUCED AND USED
THIS DOCUMENT IS THE PROPERTY OF AMPHENOL AUSTRALIA PTY
.
LINEAR
X,XX±
X,X ±
X ±
AND REMOVE ALL BURRS
BREAK ALL SHARP EDGES
UNLESS OTHERWISE SPECIFIED
FINISH:
MATL:
CAD FILE:
X
~X' ±
X
~X'X"±
DIMENSIONS IN
DO NOT SCALE
X
~ ±
ANGULAR
TOLERANCE TO BE
PROJECTION
Amphenol Australia Pty.Ltd, 2 Fiveways Blvd, Keysborough, Vic3173
DATE:
DATE:
DATE:
PART No:
APP'D
:
SCALE:
CKD:
DSD:
TITLE:
REV.
0
DRAWING NO.
SIZE:
CHANGE DETAILS
FIRST ISSUE
BY
DATE
CHG/No
Amphenol
/
0.5
0.1
0.05
1
30'
15'
MILIMETRES
55010300000110
REFER TO TABLE
L.V
03-06-04
2:1 UOS
FEMALE RCA
JACK
ASSEMBLY
L.V
03-06-04
REFER TO COMPONENTS
1
1
REFER TO TABLE
A3
55010300-000-1
M.N.H
P.M
07-09-05
07-09-05
ACJR-SBK
55010300-000
53490001-331
NICKEL
BLACK
ACJR-BLK
55010300-001
53490001-431
BLACK
BLACK
ACJR-BRN
55010300-002
53490001-031
BROWN
BROWN
ACJR-RED
55010300-003
53490001-131
RED
RED
ACJR-YEL
55010300-004
53490001-231
YELLOW
YELLOW
ACJR-GRN
55010300-005
53490001-531
GREEN
GREEN
ACJR-BLU
55010300-006
53490001-631
BLUE
BLUE
ACJR-VIO
55010300-007
53490001-731
VIOLET
VIOLET
ACJR-GRY
55010300-008
53490001-831
GREY
GREY
ACJR-WHT
55010300-009
53490001-931
WHITE
WHITE
ACJR-SRD
55010300-010
53490001-332
NICKEL
RED
ACJR-SYL
55010300-011
53490001-333
NICKEL
YELLOW
ACJR-SGR
55010300-012
53490001-334
NICKEL
GREEN
ACJR-SBL
55010300-013
53490001-335
NICKEL
BLUE
ACJR-SWH
55010300-014
53490001-336
NICKEL
WHITE
Part Numbers According to Backshell and Grommet Finish
CATALOGUE P/No. REFERENCE P/No. BACKSHELL ASSEMBLY P/No.
SHELL FINISH
GROMMET FINISH
1
50310025-130
50310025-130-1 FEMALE RCA JACK INSERT ASSEMBLY
1
2
REFER TO TABLE
53490001-331-1 1/4" PHONE PLUG BACKSHELL ASSEMBLY
1
3
51270016-531
51270013-521-1
M-SERIES PLASTIC BIG TUBE
1
Parts List
ITEM
PART NUMBER
DWG No
DESCRIPTION
QTY
ISO VIEW
55.0
3
2
5.80
1


Similar Part No. - ACJR-RED

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACJ-12-1581 ACIPOWER-ACJ-12-1581 Datasheet
1Mb / 2P
CCFL INVERTER
ACJ-12-1583 ACIPOWER-ACJ-12-1583 Datasheet
1Mb / 2P
CCFL INVERTER
ACJ-B1-1522 ACIPOWER-ACJ-B1-1522 Datasheet
213Kb / 2P
CCFL INVERTER
ACJ-R1-1578 ACIPOWER-ACJ-R1-1578 Datasheet
217Kb / 2P
CCFL INVERTER
ACJ-V1-1542 ACIPOWER-ACJ-V1-1542 Datasheet
212Kb / 2P
CCFL INVERTER
More results

Similar Description - ACJR-RED

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
Pasternack Enterprises,...
PE9168 PASTERNACK-PE9168 Datasheet
235Kb / 2P
75 Ohm F Female to RCA Jack Adapter
logo
Adam Technologies, Inc.
RCA-1-1-X-G ADAM-TECH-RCA-1-1-X-G Datasheet
93Kb / 1P
RCA JACK GOLD PLATED
RCA-1-X-X-G ADAM-TECH-RCA-1-X-X-G Datasheet
93Kb / 1P
RCA JACK GOLD PLATED
RCA-2-X-X ADAM-TECH-RCA-2-X-X Datasheet
103Kb / 1P
RCA JACK RIGHT ANGLE
RCA-10-4-BRGY ADAM-TECH-RCA-10-4-BRGY Datasheet
81Kb / 1P
RCA JACK 4 PORTS
RCA-11-4-BRGYWR ADAM-TECH-RCA-11-4-BRGYWR Datasheet
85Kb / 1P
RCA JACK 6 PORTS
RCA-22-1-W-C3 ADAM-TECH-RCA-22-1-W-C3 Datasheet
111Kb / 1P
RCA JACK SINGLE PORT
logo
CUI INC
RCJ-21XX CUI-RCJ-21XX Datasheet
159Kb / 3P
RCA JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com