Electronic Components Datasheet Search
  English  ▼

X  

DPM340 Datasheet(PDF) 2 Page - Lascar Electronics

Part # DPM340
Description  Miniature 3½ Digit LED Voltmeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LASCAR [Lascar Electronics]
Direct Link  lascarelectronics.com
Logo LASCAR - Lascar Electronics

DPM340 Datasheet(HTML) 2 Page - Lascar Electronics

  DPM340 Datasheet HTML 1Page - Lascar Electronics DPM340 Datasheet HTML 2Page - Lascar Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIN FUNCTIONS
1. 0V
Negative power supply input.
tive input for reference voltage.
4. IN HI
Positive measuring input.
5. COM
The ground for the analogue section of the converter, held actively at 3.05V (nom) below +5V. This pin is for use only when the module
is used with a fully floating supply.
. IN LO
Negative measuring input.
7. +5V
Positive power supply input.
8. DP3
1.999
9. DP2
19.99
Connect required DP pin to DP COM.
A negative supply is generated internally and mirrors the positive supply. For example: if V+ is +5V, then the internally
generated V- is -5V. When measuring with the input referenced to the same supply rail as that of the panel meter, then the limitations on
the input range are (V- + 1.5V) to (V+ - 1.5V).
2. RLO
Negative input for reference voltage.
3. RHI
Posi
6
10. DP1
199.9
11. DP COM
Connect to required decimal point (DP1, DP2 or DP3) to illuminate.
This pin is not fitted as standard to the DPM 340.
It should on no account be connected to any other terminations or circuitry except as specified in the relevant operating modes.
Note:
SAFETY
To comply with the Low Voltage Directive (LVD 93/68/EEC), input voltages to the module’s pins must not exceed 60Vdc. If voltages to the
measuring inputs do exceed 60Vdc, then fit scaling resistors externally to the module. The user must ensure that the incorporation of the
DPM into the user’s equipment conforms to the relevant sections of BS EN 61010 (Safety Requirements for Electrical Equipment for
Measuring, Control and Laboratory Use).
VARIOUS OPERATING MODES
Specifications liable to change without prior warning
DPM 340
Issue 8
06/2010
S.L.
Applies to DPM 340/
Operation with input referenced to panel
meter supply (single ended).
+5V
+5V
IN HI
IN LO
0V
+
-
INPUT
VOLTAGE
0V
RLO
COM
7
1
4
6
5
2
Operation with input floating with respect to
power supply.
+5V
+5V
IN HI
IN HI
IN LO
IN LO
0V
+
+
-
-
INPUT
VOLTAGE
INPUT
VOLTAGE
0V
COM
RLO
COM
7
4
4
6
6
5
1
Measuring current.
+5V
+5V
IN HI
IN LO
0V
R
0V
COM
R= 0.2
IFSR
4
6
5
5
2
RLO
COM
7
1
Adding an external reference.
1. Cut Link Lref
2. Fit components as indicated above.
+5V
+5V
0V
0V
COM
COM
3
2
5
5
RLO
RHI
7
1
Measuring 4-20mA to read 0-999.
0V
IIN
6R2
SET
ZERO
220k
5k
IN HI
IN LO
COM
IOUT
0V
+5V
+5V
4
6
5
5
2
RLO
COM
7
1
22k
180k
15k
2k
8069
LASCAR ELECTRONICS LTD.
MODULE HOUSE, WHITEPARISH,
WILTSHIRE SP5 2SJ UK
TEL: +44 (0)1794 884567 FAX: +44 (0)1794 884616
E-MAIL: sales@lascar.co.uk
No.:695 - Page 2 of 2
LASCAR ELECTRONICS INC.
4258 WEST 12th STREET,
ERIE, PA 16505 USA
TEL: +1 (814) 835 0621 FAX: +1 (814) 838 8141
E-mail: us-sales@lascarelectronics.com
LASCAR ELECTRONICS (HK) LTD.
8th FLOOR, CHINA AEROSPACE CENTRE, 143 HOI BUN
ROAD, KWUN TONG, KOWLOON, HONG KONG
TEL: +852 2389 6502 FAX: +852 2389 6535
E-mail: saleshk@lascar.com.hk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com