Electronic Components Datasheet Search
  English  ▼

X  

2SCR579D3 Datasheet(PDF) 1 Page - Rohm

Part # 2SCR579D3
Description  NPN 1.5A 160V Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR579D3 Datasheet(HTML) 1 Page - Rohm

  2SCR579D3 Datasheet HTML 1Page - Rohm 2SCR579D3 Datasheet HTML 2Page - Rohm 2SCR579D3 Datasheet HTML 3Page - Rohm 2SCR579D3 Datasheet HTML 4Page - Rohm 2SCR579D3 Datasheet HTML 5Page - Rohm 2SCR579D3 Datasheet HTML 6Page - Rohm 2SCR579D3 Datasheet HTML 7Page - Rohm 2SCR579D3 Datasheet HTML 8Page - Rohm 2SCR579D3 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2SCR579D3
NPN 1.5A 160V Power Transistor
Datasheet
l
lOutline
Parameter
Value
VCEO
160V
IC
1.5A
TO-252
l
lFeatures
l
lInner circuit
1) Suitable for Power Driver.
2) Complementary PNP Types : 2SAR579D3 FRA
3) Low VCE(sat)
VCE(sat)=400mV(Max.).
(IC/IB=1A/100mA)
l
lApplication
LOW FREQUENCY AMPLIFIER
l
lPackaging specifications
Part No.
Package
Package
size
Taping
code
Reel
size
(mm)
Tape
width
(mm)
Quantity
(pcs)
Marking
2SCR579D3
TO-252
(DPAK)
6595
TL
330
16
2500
2SCR579D3
www.rohm.com
© 2025 ROHM Co., Ltd. All rights reserved.
1/6
20250203 - Rev.001


Similar Part No. - 2SCR579D3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR579D3 ROHM-2SCR579D3 Datasheet
1Mb / 9P
NPN 1.5A 160V Power Transistor
20250527 - Rev.002
2SCR579D3FRA ROHM-2SCR579D3FRA Datasheet
1Mb / 9P
NPN 1.5A 160V Power Transistor
20250203 - Rev.002
2SCR579D3TLQ ROHM-2SCR579D3TLQ Datasheet
1Mb / 9P
NPN 1.5A 160V Power Transistor
20250527 - Rev.002
2SCR579D3 ROHM-2SCR579D3_V01 Datasheet
1Mb / 9P
NPN 1.5A 160V Power Transistor
20250527 - Rev.002
More results

Similar Description - 2SCR579D3

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
POWER TRANSISTORS(1.5A,160V,25W)
logo
Rohm
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
Power Transistor (160V , 1.5A)
2SB1275 ROHM-2SB1275 Datasheet
84Kb / 4P
Power Transistor (-160V , -1.5A)
2SB1275 ROHM-2SB1275_09 Datasheet
175Kb / 4P
Power Transistor (-160V, -1.5A)
2SD1918 ROHM-2SD1918_09 Datasheet
170Kb / 3P
Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
Power Transistor (160V , 1.5A)
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507_12 Datasheet
437Kb / 7P
160V / 1.5A Switching Applications
logo
Rohm
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
Power Transistor (160V , 1.5A)
2SB1275 ROHM-2SB1275_13 Datasheet
471Kb / 7P
PNP -1.5A -160V Middle Power Transistor
logo
Diodes Incorporated
DXT5551 DIODES-DXT5551_17 Datasheet
372Kb / 6P
160V NPN TRANSISTOR
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com