Electronic Components Datasheet Search
  English  ▼

X  

33879A Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33879A
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879A Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33879A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
NXP Semiconductors
33879
4.3
Dynamic electrical characteristics
Table 6. Dynamic electrical characteristics
Characteristics noted under conditions 3.1 V
≤ VDD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40 °C ≤ TC ≤ 125 °C, unless otherwise noted. Where
applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25 °C.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes
Power output timing
tSR(RISE)
Output Slew Rate Low-side Configuration
• RLOAD = 620Ω, CL = 200pF
0.1
0.5
1.0
V/
μs
(11)
tSR(FALL)
Output Slew Rate Low-side Configuration
• RLOAD = 620 Ω, CL = 200 pF
0.1
0.5
1.0
V/
μs
(11)
tSR(RISE)
Output Rise Time High-side Configuration
• RLOAD = 620 Ω, CL = 200 pF
0.1
0.3
1.0
V/
μs
(11)
tSR(FALL)
Output Fall Time High-side Configuration
• RLOAD = 620 Ω, CL = 200 pF
0.1
0.3
1.0
V/
μs
(11)
tDLY(ON)
Output Turn ON Delay Time, High-side and Low-side Configuration
1.0
15
50
μs
(12)
tDLY(OFF)
Output Turn OFF Delay Time, High-side and Low-side Configuration
1.0
30
100
μs
(12)
tFAULT
Output Fault Delay Time
100
–
300
μs
(13)
tPOR
Power-ON Reset Delay
• Delay Time Required from Rising Edge of EN and VDD to SPI Active
100
–
–
μs
tRESET
Low-State Duration on VDD or EN for Reset
• VDD or EN ≤ 0.2 V
100
–
–
µs
Digital interface timing(14)
fSPI
Recommended Frequency of SPI Operation
–
4.0
–
MHz
(14)
tLEAD
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)
100
–
–
ns
tLAG
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time)
50
–
–
ns
tDI(SU)
DI to Falling Edge of SCLK (Required Setup Time)
16
–
–
ns
tDI(HOLD)
Falling Edge of SCLK to DI (Required Hold Time)
20
–
–
ns
tR(DI)
DI, CS, SCLK Signal Rise Time
–
5.0
–
ns
(15)
tF(DI)
DI, CS, SCLK Signal Fall Time
–
5.0
–
ns
(15)
tDO(EN)
Time from Falling Edge of CS to DO Low-impedance
–
–
55
ns
(16)
tDO(DIS)
Time from Rising Edge of CS to DO High-impedance
–
–
55
ns
(17)
tVALID
Time from Rising Edge of SCLK to DO Data Valid
–
25
55
ns
(18)
Notes
11.
Output slew rate respectively measured across a 620
Ω resistive load at 10 to 90 percent and 90 to 10 percent voltage points.
CL capacitor is connected from Drain or Source output to Ground.
12.
Output turn ON and OFF delay time measured from 50 percent rising edge of CS to the beginning of the 10 and 90 percent transition points.
13.
Duration of fault before fault bit is set. Duration between access times must be greater than 300
μs to read faults.
14.
This parameter is guaranteed by design. Production test equipment uses 4.16 MHz, 5.5 V/3.1 V SPI interface.
15.
Rise and Fall time of incoming DI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
16.
Time required for output status data to be available for use at DO pin.
17.
Time required for output status data to be terminated at DO pin.
18.
Time required to obtain valid data out from DO following the rise of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com