Electronic Components Datasheet Search
  English  ▼

X  

K8DT-AS Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # K8DT-AS
Description  Single-phase Current Relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8DT-AS Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button K8DT-AS Datasheet HTML 8Page - Omron Electronics LLC K8DT-AS Datasheet HTML 9Page - Omron Electronics LLC K8DT-AS Datasheet HTML 10Page - Omron Electronics LLC K8DT-AS Datasheet HTML 11Page - Omron Electronics LLC K8DT-AS Datasheet HTML 12Page - Omron Electronics LLC K8DT-AS Datasheet HTML 13Page - Omron Electronics LLC K8DT-AS Datasheet HTML 14Page - Omron Electronics LLC K8DT-AS Datasheet HTML 15Page - Omron Electronics LLC K8DT-AS Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
K8DT-AS
13
Recommended Ferrules and Tools
Recommended ferrules
Note: 1. Make sure that the outer diameter of the wire coating is
smaller than the inner diameter of the insulation sleeve of
the recommended ferrule.
2. Make sure that the ferrule processing dimensions conform
to the following figures.
Recommended Flat-blade Screwdriver
Use a flat-blade screwdriver to connect and remove wires.
Use the flat-blade screwdriver.
The following table shows manufacturers and models as of 2015/Dec.
* OMRON's exclusive purchase model XW4Z-00B is available to
order as SZF 0-0.4
×2.5 (manufactured by Phoenix Contact).
• Refer to the contents of this datasheet for cable selection and other
conditions for compliance with EMC standards.
Precaution on EN Standard Compliance
The K8DT complies with EN 60947-5-1 when it is built into a panel,
but observe the following handling methods to ensure compliance
with the requirements of this standard.
Wiring
Overvoltage category III
Pollution degree 2
• Open-frame Device
• If basic, double, or reinforced insulation is required, use the basic,
double, or reinforced insulation defined in IEC 60664 that is
suitable for the maximum applied voltage for the clearance, solid
insulation, and other factors.
• There is basic insulation between the power supply terminals and
input terminals.
• There is basic insulation between the power supply terminals and
output terminals.
• There is basic insulation between the input terminals and output
terminals.
• Operating section must have reinforced or double insulation.
• The sides of the case are not isolated.
• Connect the output contacts (contacts with different polarity) so
that they reach the same potential.
Applicable
wire
Ferrule
Conductor
Length
(mm)
Stripping
length
(mm)
(Ferrules
used)
Recommended ferrules
(mm2) (AWG)
PhoenixContact
product
Weidmuller
product
Wago product
0.25
24
8
10
AI 0.25-8
H0.25/12
FE-0.25-8N-YE
10
12
AI 0.25-10
---
---
0.34
22
8
10
AI 0.34-8
H0.34/12
FE-0.34-8N-TQ
10
12
AI 0.34-10
---
---
0.5
20
8
10
AI 0.5-8
H0.5/14
FE-0.5-8N-WH
10
12
AI 0.5-10
H0.5/16
FE-0.5-10N-WH
0.75
18
8
10
AI 0.75-8
H0.75/14
FE-0.75-8N-GY
10
12
AI 0.75-10
H0.75/16
FE-0.75-10N-GY
1/1.25
18/17
8
10
AI 1-8
H1.0/14
FE-1.0-8N-RD
10
12
AI 1-10
H1.0/16
FE-1.0-10N-RD
1.25/1.5
17/16
8
10
AI 1.5-8
H1.5/14
FE-1.5-8N-BK
10
12
AI 1.5-10
H1.5/16
FE-1.5-10N-BK
Recommended crimp tool
CRIMPFOX6
CRIMPFOX6T-F
CRIMPFOX10S
PZ6 roto
Variocrimp4
Model
Manufacturer
ESD0.40
×2.5
Wera
SZS 0.4
×2.5
SZF 0-0.4
×2.5 *
Phoenix Contact
0.4
×2.5×75 302
Wiha
AEF.2.5
×75
Facom
210-719
Wago
SDI 0.4
×2.5×75
Weidmuller
8 to 10 mm
1.9 mm max.
2.6 mm max.
Side
0.4 mm
2.5 mm dia.
2.5 mm
Front
EN/IEC Standard Compliance
Not isolated
Reinforced insulation
(Double insulation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com