Electronic Components Datasheet Search
  English  ▼

X  

K8DT-AS2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # K8DT-AS2
Description  Single-phase Current Relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8DT-AS2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  K8DT-AS2 Datasheet HTML 1Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 2Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 3Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 4Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 5Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 6Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 7Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 8Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
K8DT-AS
2
Ratings and Specifications
Input Range
*1. The range is selected using connected terminals.
*2. The K8DT-AS3 is designed to be used in combination with an OMRON K8AC-CT200L Current Transformer (CT). (Direct input is not possible.)
Model
Range
*1
Connection terminal
Setting range
Input impedance
Input type
Overload capacity
K8DT-AS1
@@
20 mA AC/DC
I1-COM
2 to 20 mA AC/DC
Approx. 5
Ω
Direct input
Continuous input at
120% of maximum input.
1 s at 150%
100 mA AC/DC
I2-COM
10 to 100 mA AC/DC
Approx. 1
Ω
Direct input
500 mA AC/DC
I3-COM
50 to 500 mA AC/DC
Approx. 0.2
Ω
Direct input
K8DT-AS2
@@
1 A AC/DC
I1-COM
0.1 to 1 A AC/DC
Approx. 0.12
Ω
(Load: 0.5 VA)
Direct input or
commercially
available CT
5 A AC/DC
I2-COM
0.5 to 5 A AC/DC
Approx. 0.02
Ω
(Load: 1.5 VA)
K8DT-AS3
@@
100 A AC
I2-COM
10 to 100 A AC
*2
---
OMRON CT
Continuous input at 120% with an
OMRON CT (K8AC-CT200L).
30 s at 200%
1 s at 600%
* CT capacity on primary side.
200 A AC
I3-COM
20 to 200 A AC
*2
---
OMRON CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com