Electronic Components Datasheet Search
  English  ▼

X  

B9002178 Datasheet(PDF) 2 Page - OKW Enclosures Ltd

Part # B9002178
Description  BOX, MINITEC LAVA/GREEN RoHS : Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCASE [OKW Enclosures Ltd]
Direct Link  https://www.metcase.com/
Logo METCASE - OKW Enclosures Ltd

B9002178 Datasheet(HTML) 2 Page - OKW Enclosures Ltd

  B9002178 Datasheet HTML 1Page - OKW Enclosures Ltd B9002178 Datasheet HTML 2Page - OKW Enclosures Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11
MINITEC
universal accessories see pages 98-103
Customising Services see pages 104-109
*1 cases made of PMMA (plexiglass®) not comparable to cases made of ABS in terms of mechanical load-bearing capacity
ENCLOSURES
TYPE /
SIZE
Outside dim. in mm
L
W
H
Equipment (dim. in mm)
max. dim. keypad
intermediate
ring
Part-No.
ABS (UL 94 HB)
PMMA*1
off-white
lava
black
Part-No.
ABS (UL 94 HB)
PMMA*1
off-white
lava
black
MINITEC E
S
52
32
15
without recess
TPE
B 90 02 617
B 90 02 637
52
32
15
without recess
TPE
B 90 02 007
B 90 02 008
B 90 02 107
B 90 02 108
52
32
15
without recess
TPE
B 90 02 918
B 90 02 938
52
32
15
without recess
TPE
B 90 02 017
B 90 02 018
B 90 02 117
B 90 02 118
52
32
15
without recess
TPE
B 90 02 027
B 90 02 028
B 90 02 127
B 90 02 128
52
32
15
without recess
TPE
B 90 02 037
B 90 02 038
B 90 02 137
B 90 02 138
52
32
15
without recess
PMMA
B 90 02 046
B 90 02 146
52
32
15
34.90 x 19.85
TPE
B 90 02 627
B 90 02 647
52
32
15
34.90 x 19.85
TPE
B 90 02 057
B 90 02 058
B 90 02 157
B 90 02 158
52
32
15
34.90 x 19.85
TPE
B 90 02 928
B 90 02 948
52
32
15
34.90 x 19.85
TPE
B 90 02 067
B 90 02 068
B 90 02 167
B 90 02 168
52
32
15
34.90 x 19.85
TPE
B 90 02 077
B 90 02 078
B 90 02 177
B 90 02 178
52
32
15
34.90 x 19.85
TPE
B 90 02 087
B 90 02 088
B 90 02 187
B 90 02 188
52
32
15
34.90 x 19.85
PMMA
B 90 02 096
B 90 02 196
M
68
43
18
without recess
TPE
B 90 04 617
B 90 04 637
68
43
18
without recess
TPE
B 90 04 007
B 90 04 008
B 90 04 107
B 90 04 108
68
43
18
without recess
TPE
B 90 04 918
B 90 04 938
68
43
18
without recess
TPE
B 90 04 017
B 90 04 018
B 90 04 117
B 90 04 118
68
43
18
without recess
TPE
B 90 04 027
B 90 04 028
B 90 04 127
B 90 04 128
68
43
18
without recess
TPE
B 90 04 037
B 90 04 038
B 90 04 137
B 90 04 138
68
43
18
without recess
PMMA
B 90 04 046
B 90 04 146
68
43
18
45.00 x 27.85
TPE
B 90 04 627
B 90 04 647
68
43
18
45.00 x 27.85
TPE
B 90 04 057
B 90 04 058
B 90 04 157
B 90 04 158
68
43
18
45.00 x 27.85
TPE
B 90 04 928
B 90 04 948
68
43
18
45.00 x 27.85
TPE
B 90 04 067
B 90 04 068
B 90 04 167
B 90 04 168
68
43
18
45.00 x 27.85
TPE
B 90 04 077
B 90 04 078
B 90 04 177
B 90 04 178
68
43
18
45.00 x 27.85
TPE
B 90 04 087
B 90 04 088
B 90 04 187
B 90 04 188
68
43
18
45.00 x 27.85
PMMA
B 90 04 096
B 90 04 196
MINITEC D
S
51
32
13
38.60 x 18.15
TPE
B 90 02 657
B 90 02 667
51
32
13
38.60 x 18.15
TPE
B 90 02 207
B 90 02 208
B 90 02 257
B 90 02 258
51
32
13
38.60 x 18.15
TPE
B 90 02 958
B 90 02 968
51
32
13
38.60 x 18.15
TPE
B 90 02 217
B 90 02 218
B 90 02 267
B 90 02 268
51
32
13
38.60 x 18.15
TPE
B 90 02 227
B 90 02 228
B 90 02 277
B 90 02 278
51
32
13
38.60 x 18.15
TPE
B 90 02 237
B 90 02 238
B 90 02 287
B 90 02 288
51
32
13
38.60 x 18.15
PMMA
B 90 02 246
B 90 02 296
M
70
44
16
52.55 x 23.70
TPE
B 90 04 657
70
44
16
52.55 x 23.70
TPE
B 90 04 207
B 90 04 208
70
44
16
52.55 x 23.70
TPE
B 90 04 958
70
44
16
52.55 x 23.70
TPE
B 90 04 217
B 90 04 218
70
44
16
52.55 x 23.70
TPE
B 90 04 227
B 90 04 228
70
44
16
52.55 x 23.70
TPE
B 90 04 237
B 90 04 238
70
44
16
52.55 x 23.70
PMMA
B 90 04 246
NEW PRODUCT
ACCESSORIES
Article
For enclosure
MINITEC
Version / Application
Part-No.
Key ring
E / D
nickel-plated, ø 20.5 mm
A 91 64 001
Carrying strap “Metallic”
E / D
silver with plastic sheath, approx. 860 mm long
B 91 00 011
Carrying strap “Reflex”
E / D
silver/black with quick-action lock, approx. 860 mm long
B 91 00 022
Wrist strap
E (2 strap loops)
elastic belt with velcro, black, approx. 280 mm long
B 91 00 033



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com