Electronic Components Datasheet Search
  English  ▼

X  

1K2 Datasheet(PDF) 1 Page - EOZ Secme

Part # 1K2
Description  the 1K2 is ideal as a jumper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOZ [EOZ Secme]
Direct Link  https://www.eozonline.com/
Logo EOZ - EOZ Secme

1K2 Datasheet(HTML) 1 Page - EOZ Secme

  1K2 Datasheet HTML 1Page - EOZ Secme  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A1
A1
MECHANICAL CHARACTERISTICS
TECHNICAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
STANDARD PART NUMBERS
DIMENSIONS
COMPONENTS
1K2
Recommended for all PCB applications as the most compact
changeover switch on the market, the 1K2 is ideal as a jumper
replacement.
A standard (red) or extended (black) slide actuator gives instant
recognition of switch position.
• Resistance to wave soldering at 250° C, 5 sec.
• Choice of straight or right angle PCB mounting
• Saline mist 24 hours, 96 hours (tropicalised version),
• Damp heat 4 days, 21 days (tropicalised version),
• Electrical life 1 000 operations
Nominal Curent
500 mA
Minimum Curent
Nominal Voltage
Maximum Voltage
Minimum Voltage
Electrostatic breakdown value
Isolation resistance
Contact resistance
Electrical life
Electric strength as per EN IEC 60512-2
1 mA
12 V
24 V
10 mV
5 kV
≥10000 MΩ at 100Vdc
≤22 Ω
1000 actuations
Switching action
Actuating travel
1.6 mm
Operating temperature
Shock resistance as per IEC 60512-4-6c
Environnemental resistance
- Damp heat
-40°C ... +85°C
50 g, 11 ms
as per EN IEC 60512-11f
Change-over slide switch 1-pole
09.03290.01
09.03201.02
09.03290.01X116
09.03201.02X115
19.03201.01
09.10290.01
09.10201.02
Pins axial (standard version), plastic black raised slider
Pins axial (standard version), plastic red slider
Pins axial (3 mm), plastic black raised slider
Pins axial (3 mm), plastic red slider
Pins axial (tropicalised version), plastic red slider
Pins bent at right-angles (standard version) plastic black raised slider
Pins bent at right-angles (standard version) plastic red
slider
Further options and information available: www.eozonline.com
• Cursor position
Pins axial (standard version),
Red plastic slider
Right-angles bented pins (standard version)
Black raised plastic slider
250 Vrms, 50 Hz, 1 min
- Saline mist
24 hours
96 hours
4 days
21 days
Tropical «Gold cont.»
Standard «Gold cont.»
as per EN IEC 60512-11f
The 1K2 is designed for machine wave flow soldering.
If manual soldering needs to be done, the following guidelines have to
be adhered to (in accordance to IEC 60068-2-20):
Manual spot welding guideline
•Type of solder: Sn/Ag/Cu
•Soldering temperature: 350°C at 370°C
•Soldering time: 1s at 5s max
•In order to avoid overheating, a small break has to be observed
between each solder-application
•The soldering iron has to be kept clean at all times.
•It is mandatory to tin the tip of the soldering iron before the solde-
ring can take place.
•When soldering, the tip of the iron has to first pre-heat the «inter-
section» between pin and circuit, before applying the solder.
Size of tip of soldering iron: 3mm dia.
Electrical life 1 000 operations
CONNEXIONS
MOUNTING
Pins axial (standard
version), Black raised plastic
Right-angles bented pins (standard version)
Red plastic slider
MECHANICAL CHARACTERISTICS
Maintained
Part Numbers


Similar Part No. - 1K2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1K2 GOOD-ARK-1K2 Datasheet
145Kb / 2P
Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
1K2A1B ETC2-1K2A1B Datasheet
60Kb / 2P
Series 1 BetaCurve Bare leaded Thermistors
1K2S-N003 ETC-1K2S-N003 Datasheet
66Kb / 1P
1.2K-1.5K WATT 2K WATT ENCLOSED PARALLEL POWER SUPPLY
1K2S-N005 ETC-1K2S-N005 Datasheet
66Kb / 1P
1.2K-1.5K WATT 2K WATT ENCLOSED PARALLEL POWER SUPPLY
1K2S-N012 ETC-1K2S-N012 Datasheet
66Kb / 1P
1.2K-1.5K WATT 2K WATT ENCLOSED PARALLEL POWER SUPPLY
More results

Similar Description - 1K2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PONE-000-01 ETC1-PONE-000-01 Datasheet
477Kb / 56P
The ideal device for simple nodes, such as switches, actuators and sensor
logo
JMK Inc.
ZF-1954-15 JMK-ZF-1954-15 Datasheet
33Kb / 1P
The ZF1954-15 is ideal for the military and TEMPEST environments.
logo
Micross Components
HMC144 MICROSS-HMC144 Datasheet
822Kb / 11P
The HMC143 & HMC144 is ideal for
logo
Analog Devices
HMC339 AD-HMC339 Datasheet
416Kb / 8P
The HMC339 is ideal for
logo
PHOENIX CONTACT
0804195 PHOENIX-0804195 Datasheet
57Kb / 3P
The EML-RM label is ideal for temporary marking.
2279253 PHOENIX-2279253 Datasheet
47Kb / 2P
When a device is unplugged from the system as a whole, the signal chain is not interrupted혯 Supply via standard MINI COMBICON plug
2707408 PHOENIX-2707408 Datasheet
142Kb / 7P
When a device is unplugged from the system as a whole, the signal chain is not interrupted혯 Supply via standard MINI COMBICON plug
2709532 PHOENIX-2709532 Datasheet
98Kb / 5P
When a device is unplugged from the system as a whole, the signal chain is not interrupted혯 Supply via standard MINI COMBICON plug
2713010 PHOENIX-2713010 Datasheet
141Kb / 7P
When a device is unplugged from the system as a whole, the signal chain is not interrupted혯 Supply via standard MINI COMBICON plug
logo
Maxim Integrated Produc...
MAX14676D MAXIM-MAX14676D Datasheet
46Kb / 5P
The MAX14676D is a battery charge management solutions ideal for low-power wearable applications
September 28, 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com