Electronic Components Datasheet Search
  English  ▼

X  

TC74VHC04F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VHC04F
Description  Hex Inverter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC04F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VHC04F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC04F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC04F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC04F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC04F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC04F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC04F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC04F Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC04F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74VHC04F/FN/FT/FK
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
A
Y
L
H
H
L
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(5)
(9)
3A
1
4A
(13)
(11)
6A
5A
(6)
(8)
(12)
3Y
4Y
6Y
(1)
(3)
1A
2A
(2)
1Y
(4)
2Y
(10)
5Y
VCC
9
6A
6Y
5A
8
14
13
12
11
10
1A
1
2
3
4
5
6
7
2Y
3A
3Y
GND
5Y
4A
4Y
(top view)
1Y
2A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com