Electronic Components Datasheet Search
  English  ▼

X  

D340 Datasheet(PDF) 1 Page - Micronel AG. All rights reserved.

Part # D340
Description  Axiallüfter Axial Fans Ventilateur axial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONEL [Micronel AG. All rights reserved.]
Direct Link  https://www.micronel.com/en/
Logo MICRONEL - Micronel AG. All rights reserved.

D340 Datasheet(HTML) 1 Page - Micronel AG. All rights reserved.

  D340 Datasheet HTML 1Page - Micronel AG. All rights reserved. D340 Datasheet HTML 2Page - Micronel AG. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Baureihen
Series
Séries
D340T / D340Q
D341T/Q
D343T/Q
D344T/Q
D341T, 343T, 344T, 351T
12 V DC
D341T, 343T, 344T, 351T
24 V DC
D341Q, 343Q, 344Q, 351Q
12 V DC
D351T/Q
L1
L1
L3
Q1
Q2
B
R
L1
L3
Q1
Q2
B
R
L1
T
B
Q1
Q2
Axiallüfter
Axial Fans
Ventilateur axial
SN EN ISO 9001 CERTIFICATED
MICRONEL AG
Tel. +41 52 - 355 16 16
CH-8317 Tagelswangen
Fax +41 52 - 355 16 20
www.micronel.ch
info@micronel.com
D340
mm
inch
D1
36
1.417
D2
33
1.300
L1
36
1.417
L3
4
0.157
B
2.6
0.102
Q1
40
1.575
Q2
32
1.260
R
3
0.118
D351
mm
inch
D1
D2
32.63
1.283
L1
36
1.417
L3
B
2.6
0.102
Q1
38
1.496
Q2
32
1.260
R
0.5
0.020
l/min
Pa
CFM
0
2
4
6
8
10
12 14
360
320
280
240
200
160
120
80
40
0
1
15
VDC
2
12
VDC
3
9
VDC
0
50 100 150 200 250 300 350 400
1
2
3
l/min
Pa
CFM
0
2
4
6
8
10
12 14
360
320
280
240
200
160
120
80
40
0
1
30
VDC
2
24
VDC
3
18
VDC
0
50 100 150 200 250 300 350 400
1
2
3
l/min
Pa
CFM
0
2
4
6
8
10
12 14
360
320
280
240
200
160
120
80
40
0
1
24
VDC
2
12
VDC
3
5
VDC
0
50 100 150 200 250 300 350 400
1
2
3
micronel_D340T_D340Q
23.10.2008
10:34 Uhr
Seite 1


Similar Part No. - D340

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
D340101 ZIEHL-D340101 Datasheet
339Kb / 2P
Universal-Instrument MINIPAN 352V for DIN-rail-mounting
D340110 ZIEHL-D340110 Datasheet
339Kb / 2P
Universal-Instrument MINIPAN 352V for DIN-rail-mounting
logo
List of Unclassifed Man...
D3406-0000PR ETC2-D3406-0000PR Datasheet
282Kb / 9P
designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
D3406-0000S ETC2-D3406-0000S Datasheet
282Kb / 9P
designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
D3406-0000SC ETC2-D3406-0000SC Datasheet
282Kb / 9P
designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
More results

Similar Description - D340

ManufacturerPart #DatasheetDescription
logo
ETRI
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
AC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com