Electronic Components Datasheet Search
  English  ▼

X  

ACT4529 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # ACT4529
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4529 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button ACT4529 Datasheet HTML 8Page - Qorvo, Inc ACT4529 Datasheet HTML 9Page - Qorvo, Inc ACT4529 Datasheet HTML 10Page - Qorvo, Inc ACT4529 Datasheet HTML 11Page - Qorvo, Inc ACT4529 Datasheet HTML 12Page - Qorvo, Inc ACT4529 Datasheet HTML 13Page - Qorvo, Inc ACT4529 Datasheet HTML 14Page - Qorvo, Inc ACT4529 Datasheet HTML 15Page - Qorvo, Inc ACT4529 Datasheet HTML 16Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet Rev. G, November 2023 | Subject to change without notice
12 of 16
www.qorvo.com
© 2023 Qorvo US, Inc. All rights reserved.
ACT4529
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
®
TYPICAL PERFORMANCE CHARACTERISTICS
(Schematic as shown in typical application circuit, Ta = 25 °C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com