Electronic Components Datasheet Search
  English  ▼

X  

ACT4529M Datasheet(PDF) 6 Page - Qorvo, Inc

Part # ACT4529M
Description  40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4529M Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button ACT4529M Datasheet HTML 2Page - Qorvo, Inc ACT4529M Datasheet HTML 3Page - Qorvo, Inc ACT4529M Datasheet HTML 4Page - Qorvo, Inc ACT4529M Datasheet HTML 5Page - Qorvo, Inc ACT4529M Datasheet HTML 6Page - Qorvo, Inc ACT4529M Datasheet HTML 7Page - Qorvo, Inc ACT4529M Datasheet HTML 8Page - Qorvo, Inc ACT4529M Datasheet HTML 9Page - Qorvo, Inc ACT4529M Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet Rev. B, September 2020 | Subject to change without notice
6 of 16
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4529M
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
Output Current Sensing and Regulation
Sense resistor is connected to CSP and CSN. The
sensed differential voltage is compared with interval
reference to regulate current. CC loop and CV loop are
in parallel. The current loop response is allowed to have
slower response compared to voltage loop. However,
during current transient response, the inductor current
overshoot/undershoot should be controlled within +/-25%
to avoid inductor saturation.
Cycle-by-Cycle Current Control
The conventional cycle-by-cycle peak current mode
is implemented with high-side FET current sense.
Input Over Voltage Protection
The converter is disabled if the input voltage is above
42 V (+/-2 V). Device resumes operation automatically
40 ms after OVP is cleared.
Output Over Voltage Protection
Device stops switching when output over-voltage is
sensed, and resumes operation automatically when
output voltage drops to OVP- hysteresis.
Output Over Voltage Discharge
Discharge circuit starts to discharge output through
CSP pins when output over voltage is detected.
Discharge circuit brings 12 V down to 5 V in less
than 100 ms.
Output Under-Voltage Protection / Hiccup
Mode
There is a under voltage protection (UVP) threshold. If
the UVP threshold is hit for 10 us, an over current or
short circuit is assumed, and the converter goes into
hiccup mode by disabling the converter and restarts
after hiccup waiting period.
Input Brownout Protection
(ACT4529MYH-T1011 only)
If the input voltage drops below 8 V but higher than
UVLO for 450 ms while in QC or PDC mode, the output
voltage turns off and QC or PDC mode is disabled. If the
output voltage drops below 3.7 V, the timer restarts and
waits for 450 ms before attempting to restart the output
voltage. When output voltage rises above 3.9 V and
detects the input voltage below 8 V, timer restarts. If the
input voltage is below 8 V after 450 ms, the output turns
off. The cycle continues until the input voltage increases
above 8.2 V,for longer than 450 ms, then output turns
on, the IC renegotiates the PD and QC protocols, and
normal operation restarts.
Thermal Shutdown
If the TJ increases beyond 160 °C, ACT4529 goes into
HZ mode and the timer is preserved until TJ drops
by 30 °C.
PWM
Controller
Driver
Current Sense
and Control
70mΩ
4.7Ω
OVP
CSP
CSN
GND
SW
HSB
UVLO
VIN
DP
DM
QC2.0
Detect
USB
Auto
Detect
PDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com