Electronic Components Datasheet Search
  English  ▼

X  

ACT8945A Datasheet(PDF) 29 Page - Qorvo, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8945A Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button ACT8945A Datasheet HTML 25Page - Qorvo, Inc ACT8945A Datasheet HTML 26Page - Qorvo, Inc ACT8945A Datasheet HTML 27Page - Qorvo, Inc ACT8945A Datasheet HTML 28Page - Qorvo, Inc ACT8945A Datasheet HTML 29Page - Qorvo, Inc ACT8945A Datasheet HTML 30Page - Qorvo, Inc ACT8945A Datasheet HTML 31Page - Qorvo, Inc ACT8945A Datasheet HTML 32Page - Qorvo, Inc ACT8945A Datasheet HTML 33Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Data Sheet Rev. G, January 2020 | Subject to change without notice
29 of 46
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT8945A
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Push-Button Control
The ACT8945A is designed to initiate a system enable
sequence when the nPBIN multi-function input is
asserted. Once this occurs, a power-on sequence
commences, as described below. The power-on
sequence must complete and the microprocessor must
take control (by asserting PWRHLD) before nPBIN is
de-asserted. If the microprocessor is unable to
complete its power-up routine successfully before the
user
releases
the
push-button,
the
ACT8945A
automatically shuts the system down. This provides
protection against accidental or momentary assertions
of the push- button. If desired, longer “push-and-hold”
times can be implemented by simply adding an
additional time delay before asserting PWRHLD.
Control Sequences
The ACT8945A features a variety of control sequences
that are optimized for supporting system enable and
disable sequences of Atmel SAMA5D2 and SAMA5D3
series and SAM9 series application processors.
Enabling/Disabling Sequence
ACT8945AQJ305 Sequence
A typical enable sequence is initiated whenever the
following conditions occurs:
1) nPBIN is asserted low via 50KΩ resistance, or
2) A valid input voltage is present at CHGIN.
The enable sequence begins by enabling REG3/REG5.
When REG3/REG5 reaches its power-OK threshold,
nRSTO is asserted low, resetting the microprocessor.
When REG3/REG5 reaches its power-OK threshold for
2ms, REG1 is enabled. When REG3/REG5 reaches its
power-OK threshold for 4ms, REG2 is enabled. When
REG3/REG5 reaches its power-OK threshold for 8ms,
REG4 is enabled. When REG3 is above its power-OK
threshold when the reset timer expires, nRSTO is de-
asserted, allowing the microprocessor to begin its boot
sequence. REG6 and REG7 can be enabled or disabled
by PWREN after system powers up.
During the boot sequence, the microprocessor must
assert PWRHLD, holding the regulators to ensure that
the system remains powered after nPBIN is released.
As with the enable sequence, a typical disable
sequence is initiated when the user presses the push-
button, which interrupts the processor via the nPBSTAT
output. The actual disable sequence is completely
software-controlled, but typically involved initiating
various
“clean-up”
processes
before
finally
set
MSTROFF[ ] bit to 1 to shut the system down.
Figure 3:
ACT8945AQJ305-T Enable/Disable Sequence
: Typical value shown, actual delay time may vary from (T-1ms) x 88% to T x 112%, where T is the typical delay time setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com