Electronic Components Datasheet Search
  English  ▼

X  

7299/30 Datasheet(PDF) 8 Page - Carclo Technical Plastics Limited

Part # 7299/30
Description  OPTICS CATALOGUE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COIL [Carclo Technical Plastics Limited]
Direct Link  https://www.coil.co.uk/
Logo COIL - Carclo Technical Plastics Limited

7299/30 Datasheet(HTML) 8 Page - Carclo Technical Plastics Limited

Back Button 7299/30 Datasheet HTML 4Page - Carclo Technical Plastics Limited 7299/30 Datasheet HTML 5Page - Carclo Technical Plastics Limited 7299/30 Datasheet HTML 6Page - Carclo Technical Plastics Limited 7299/30 Datasheet HTML 7Page - Carclo Technical Plastics Limited 7299/30 Datasheet HTML 8Page - Carclo Technical Plastics Limited 7299/30 Datasheet HTML 9Page - Carclo Technical Plastics Limited 7299/30 Datasheet HTML 10Page - Carclo Technical Plastics Limited 7299/30 Datasheet HTML 11Page - Carclo Technical Plastics Limited 7299/30 Datasheet HTML 12Page - Carclo Technical Plastics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PROFESSIONAL
RAYLITE ILLUMINATED MAGNIFIERS
LED (BATTERY)
RAYLITE**
• LED light source
• Two C size
batteries required
Package includes
handle and head.
Boxed with instructions.
XENON
TRANSFORMER
RAYLITE
• Xenon Bulb
Package includes handle,
head and spare bulb.
Boxed with instructions.
Dioptres/ Mag*
Lens
Image
Effective
Field of View
Diameter (mm)
Vergence
Focal Length (mm) on Page (mm)
Low Powered Raylites
11.7D / 3.9x
64.0
-4.0D
85.60
58.0
14.8D / 4.7x
49.8
-4.0D
68.40
44.0
17.7D / 5.4x
49.6
-4.0D
56.60
44.0
24.2D / 7.1x
38.0
-4.0D
41.30
32.0
High Powered Raylites
31.0D / 8.7x
41.4
-2.5D
32.30
36.0
36.4D / 10.1x
36.0
-2.5D
27.50
34.0
44.0D / 12.0x
30.8
-2.5D
22.70
29.0
54.9D / 14.7x
30.8
-2.5D
18.20
26.0
Rectangular Raylites
7.2D / 2.8x
101.2 x 79
-4.0D
37.70
99 x 73
Transformer included with 6400/10 (UK), 6400/11 (EU) and 6400/12 (USA)
Transformer included with 6400/10 (UK), 6400/11 (EU) and 6400/12 (USA)
Handle Only
6260/10
Bulb Pack (5 per pack)
6260/11
6259/10
6269/10
6279/10
6289/10
6299/10
6309/10
6319/10
6329/10
6400/10
6400/11
6400/12
Dioptres/ Mag*
Lens
Image
Effective
Field of View
Diameter (mm)
Vergence
Focal Length (mm) on Page (mm)
Low Powered Raylites
11.7D / 3.9x
64.0
-4.0D
85.60
58.0
14.8D / 4.7x
49.8
-4.0D
68.40
44.0
17.7D / 5.4x
49.6
-4.0D
56.60
44.0
24.2D / 7.1x
38.0
-4.0D
41.30
32.0
High Powered Raylites
31.0D / 8.7x
41.4
-2.5D
32.30
36.0
36.4D / 10.1x
36.0
-2.5D
27.50
34.0
44.0D / 12.0x
30.8
-2.5D
22.70
29.0
54.9D / 14.7x
30.8
-2.5D
18.20
26.0
Rectangular Raylites
7.2D / 2.8x
101.2 x 79
-4.0D
37.70
99 x 73
Transformer included with 6400/10 (UK), 6400/11 (EU) and 6400/12 (USA)
7259/30
7269/30
7279/30
7289/30
7299/30
7309/30
7319/30
7329/30
7400/30
Handle Only
7260/30
Bulb Pack (5 per pack)
Transformer Only
5226/15
UK
5226/16
USA
5226/17
EU
* Magnifier conforms to BS EN ISO 15253: 2000 except that trade magnification is quoted instead of nominal magnification and is calculated using (1+ Equivalent Power/4)
** For LED version with transformer refer to separate ‘Auto Raylite’ sheet.Batteries are not included. For latest product information refer to the COIL website: www.coil.co.uk
Product
Code
Product
Code
08
www.coil.co.uk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com