Electronic Components Datasheet Search
  English  ▼

X  

7299/01 Datasheet(PDF) 18 Page - Carclo Technical Plastics Limited

Part # 7299/01
Description  OPTICS CATALOGUE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COIL [Carclo Technical Plastics Limited]
Direct Link  https://www.coil.co.uk/
Logo COIL - Carclo Technical Plastics Limited

7299/01 Datasheet(HTML) 18 Page - Carclo Technical Plastics Limited

Back Button 7299/01 Datasheet HTML 14Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 15Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 16Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 17Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 18Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 19Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 20Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 21Page - Carclo Technical Plastics Limited 7299/01 Datasheet HTML 22Page - Carclo Technical Plastics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
VTM CLEAR READER
Product
Description
Magnification* Lens
Image
Effective Focal
Field of View
Code
Diameter (mm)
Vergence
Length (mm)
on Page (mm)
5850/14
Red
1.7x
50.5
-4.0D
52.90
143 x 104
5850/15
Blue
1.7x
50.5
-4.0D
52.90
143 x 104
5850/24
Red
1.1x / 1.5x
117 x 24
-4.0D
31.53
112 x 24
5850/25
Blue
1.1x / 1.5x
117 x 24
-4.0D
31.53
112 x 24
* Real magnification when laid flat on page
POPULAR
VISUAL TRACKING MAGNIFIERS
Product
Description
Magnification* Lens
Image
Effective Focal
Field of View
Code
Diameter (mm)
Vergence
Length (mm)
on Page (mm)
5850/12
Red
1.7x
50.5
-4.0D
52.90
143 x 104
5850/13 Blue
1.7x
50.5
-4.0D
52.90
143 x 104
Product
Description
Bi-Axial Mag*
Lens
Image
Effective Focal
Field of View
Code
Diameter (mm)
Vergence
Length (mm)
on Page (mm)
5850/22
Red
1.1x / 1.5x
117 x 24
-4.0D
31.53
112 x 24
5850/23 Blue
1.1x / 1.5x
117 x 24
-4.0D
31.53
112 x 24
* Real magnification when laid flat on page
VISUAL TRACKING MAGNIFIER
5850/22
5850/23
5850/12
5850/13
5850/14
5850/15
5850/24
5850/25
18
www.coil.co.uk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com