Electronic Components Datasheet Search
  English  ▼

X  

8271/01 Datasheet(PDF) 19 Page - Carclo Technical Plastics Limited

Part # 8271/01
Description  OPTICS CATALOGUE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COIL [Carclo Technical Plastics Limited]
Direct Link  https://www.coil.co.uk/
Logo COIL - Carclo Technical Plastics Limited

8271/01 Datasheet(HTML) 19 Page - Carclo Technical Plastics Limited

Back Button 8271/01 Datasheet HTML 15Page - Carclo Technical Plastics Limited 8271/01 Datasheet HTML 16Page - Carclo Technical Plastics Limited 8271/01 Datasheet HTML 17Page - Carclo Technical Plastics Limited 8271/01 Datasheet HTML 18Page - Carclo Technical Plastics Limited 8271/01 Datasheet HTML 19Page - Carclo Technical Plastics Limited 8271/01 Datasheet HTML 20Page - Carclo Technical Plastics Limited 8271/01 Datasheet HTML 21Page - Carclo Technical Plastics Limited 8271/01 Datasheet HTML 22Page - Carclo Technical Plastics Limited 8271/01 Datasheet HTML 23Page - Carclo Technical Plastics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
POPULAR
POPULAR MAGNIFIERS
* Nominal magnification is defined as 1+ Power/4 according to BS EN ISO 15253: 2000
Product Code
Product Name
Magnification*
Lens Type
5855
Clearview
1.7x
Spherical
5844
Fleximag
1.7x
Spherical
5820
Easyview
1.7x
Spherical
5249
Windsor (98mm)
2.3x
Spherical
5248
Windsor (70mm)
2.6x
Spherical
5247
Windsor (48mm)
4.4x
Spherical
5285
OroMag (48mm)
3.4x
Spherical
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com