Electronic Components Datasheet Search
  English  ▼

X  

255 Datasheet(PDF) 43 Page - Abbatron All Rights Reserved

Part # 255
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

255 Datasheet(HTML) 43 Page - Abbatron All Rights Reserved

Back Button 255 Datasheet HTML 39Page - Abbatron All Rights Reserved 255 Datasheet HTML 40Page - Abbatron All Rights Reserved 255 Datasheet HTML 41Page - Abbatron All Rights Reserved 255 Datasheet HTML 42Page - Abbatron All Rights Reserved 255 Datasheet HTML 43Page - Abbatron All Rights Reserved 255 Datasheet HTML 44Page - Abbatron All Rights Reserved 255 Datasheet HTML 45Page - Abbatron All Rights Reserved 255 Datasheet HTML 46Page - Abbatron All Rights Reserved 255 Datasheet HTML 47Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Brass Round Spacers
41
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
• Standard nickel plating provides a hard, bright, non-
oxidizing surface which will stand up to difficult ambient
conditions.
Special order options include:
#2
#4
#6
#8
#10
3/16
9000
9015
1/4
8700
8701
8702
3/8
8732
9375A
3/16
9001
9016
1/4
8703
8704
8705
3/8
8735
9375B
3/16
9002
9017
1/4
2340
2100
2105
3/8
2115
9375C
3/16
9003
9018
1/4
8706
8707
8708
3/8
8738
9375D
3/16
9004
9019
1/4
2341
2101
2106
3/8
2116
9375E
3/16
9005
9020
1/4
8709
8710
8711
3/8
8741
9375F
3/16
9006
9021
1/4
2342
2102
2107
3/8
2117
9375G
3/16
9007
9022
1/4
8712
8713
8714
3/8
8744
9375H
3/16
9008
9023
1/4
8715
8716
8717
3/8
8747
9375J
3/16
9009
9024
1/4
8718
8719
8720
3/8
8750
9375K
3/16
9010
9025
1/4
2343
2103
2108
3/8
2118
9375L
3/16
9011
9026
1/4
8721
8722
8723
3/8
8753
9375M
3/16
9012
9027
1/4
8724
8725
8726
3/8
8756
9375N
3/16
9013
9028
1/4
8727
8728
8729
3/8
8759
9375P
3/16
9014
9029
1/4
2344
2104
2109
3/8
2119
9375Q
LENGTH
O.D.
I.D.
.125
.187
.250
.312
.375
.437
.500
.562
.625
.687
.750
.812
.875
.937
1
1/8
3/16
1/4
5/16
3/8
7/16
1/2
9/16
7/8
15/16
1
5/8
11/16
3/4
13/16
• Alternative plating finishes such as zinc, silver or gold.
• Odd sizes, taps or threads, plus swage or other shapes.
• Abbatron offers engineering services for special application
parts or materials.
SCREW NO.
MAJOR DIA.
HOLE SIZE
#2
0.086
0.093
#3
0.099
0.100
#4
0.112
0.120
#5
0.125
0.130
#6
0.138
0.144
#8
0.164
0.169
#10
0.190
0.196
#12
0.216
0.220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com