Electronic Components Datasheet Search
  English  ▼

X  

G7TC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G7TC
Description  Relay I/O Block Components Overview
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7TC Datasheet(HTML) 2 Page - Omron Electronics LLC

  G7TC Datasheet HTML 1Page - Omron Electronics LLC G7TC Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Relay I/O Blocks Overview
Relay I/O Blocks Overview
Product
Appearance
Specifications
Part number
Stan-
dards
Relay I/O Block
Base for 10-amp
loads, includes
VDE finger
protection
Input base, 16 points, 240 VAC/110 VDC
Output base, 16 points, NPN, 24 VDC
Output base, 16 points, PNP, 24 VDC
G70A-ZIM16-5 DC24V
G70A-ZOC16-3 DC24V
G70A-ZOC16-4 DC24V
UL
CSA
CE
I/O Relays for
G70A Bases
Input, bifurcated contacts, 24 VDC
Input, twin cross-bar contacts, 24 VDC
Output relay, SPDT (Form C), 12 VDC
Output relay, SPDT (Form C), 24 VDC
G2R-1A3-SND DC24V
G2R-13-SND DC24V
G2R-1-SND DC12
G2R-1-SND DC24
UL
CSA
CE
Solid State
Relays for G70A
Bases
Input, 100-240 VAC
Input, 12-24 VDC
Input, 5 VDC
Output, 2 A, 75-264 VAC load
Output, 2 A, 4-60 VDC load
Output, 1.5 A, 40-200 VDC load
G3R-IAZR-1SN AC100-240
G3R-IDZR-1SN DC12--24
G3R-IDZR-1SN DC5
G3R-OA202SZN DC5-24
G3R-ODX02N DC5-24
G3R-OD201SN DC5-24
UL
CSA
CE
Single relay
expansion for
G70A bases
For 1-pole G2R relay
For 2-pole G2R relay
P2RF-05-E
P2RF-08-E
UL
CSA
Compact Relay
Output Blocks,
16-points
Relay outputs, NPN, with relay pulling tool
Relay outputs, PNP, with relay pulling tool
MOSFET relay output, NPN, pulling tool
MOSFET relay output, PNP pulling tool
Relay outputs, NPN, vertical sockets
MOSFET relay output, NPN, vert. sockets
G70D-SOC16 DC24
G70D-SOC16-1 DC24
G70D-FOM16
G70D-FOM16-1 DC24
G70D-VSOC16
G70D-VFOM16
UL
CSA
Accessories for
G70D Output
Blocks
Shorting bar
Expansion terminal block
Replacement relay
Replacement MOSFET relay
G6D-4-SB
G70D-ET
G6D-1A DC24
G3DZ-2R6PL DC24
UL
CSA
DIN rail mounting
track
0.5 m length, 7.3 mm depth
1 m length, 7.3 mm depth
1 m length, 16 mm depth
PFP-50N
PFP-100N
PFP-100N2
------
DIN track end cap
------
PFP-M
DIN track spacer
------
PFP-S
Cat. No. GC RIO-1
04/00
Specifications subject to change without notice.
Printed in U.S.A.
OMRON ELECTRONICS, INC.
OneEast CommerceDrive
Schaumburg, IL 60173
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
1-800-55-OMRON
OMRON CANADA, INC.
885 Milner Avenue
Scarborough, Ontario M1B 5V8
416-286-6465
9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com