Electronic Components Datasheet Search
  English  ▼

X  

3161 Datasheet(PDF) 11 Page - Carclo Technical Plastics Limited

Part # 3161
Description  OPTICS CATALOGUE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COIL [Carclo Technical Plastics Limited]
Direct Link  https://www.coil.co.uk/
Logo COIL - Carclo Technical Plastics Limited

3161 Datasheet(HTML) 11 Page - Carclo Technical Plastics Limited

Back Button 3161 Datasheet HTML 7Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 8Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 9Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 10Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 11Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 12Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 13Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 14Page - Carclo Technical Plastics Limited 3161 Datasheet HTML 15Page - Carclo Technical Plastics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
PROFESSIONAL
AT8 ILLUMINATED MAGNIFIER
Europe
North
U.K.
Description**
Magnification
Equivalent
Lens Diameter
Image
Effective Focal
Field of View
America
(1+F/4)*
Power F (D)
(mm)
Vergence
Length (mm)
on Page (mm)
8270/01
8270/03
8270
CM+C
3.0x
8.0
48.0
-4.0D
25.45
80.0
8146/01
8146/03
8146
CM+C
5.0x
16.0
48.0
-4.0D
32.95
50.0
8147/01
8147/03
8147
CM+C
7.0x
24.0
48.0
-4.0D
41.95
35.0
8148/01
8148/03
8148
CM+C
9.0x
32.0
48.0
-4.0D
31.46
24.0
8271/01
8271/03
8271
CM+C
11.0x
40.0
40.0
-4.0D
25.08
20.0
8100/01
8100/03
8100
C Only
11
* Magnifier conforms to BS EN ISO 15253:2000 except that trade magnification is quoted
instead of nominal magnification and is calculated using (1+Equivalent Power/4)
** CM = Complete Magnifier, C = Charger Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com