Electronic Components Datasheet Search
  English  ▼

X  

GG2015 Datasheet(PDF) 21 Page - Jewel Hill Electronic

Part # GG2015
Description  SPECIFICATIONS FOR LCD MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GG2015 Datasheet(HTML) 21 Page - Jewel Hill Electronic

Back Button GG2015 Datasheet HTML 17Page - Jewel Hill Electronic GG2015 Datasheet HTML 18Page - Jewel Hill Electronic GG2015 Datasheet HTML 19Page - Jewel Hill Electronic GG2015 Datasheet HTML 20Page - Jewel Hill Electronic GG2015 Datasheet HTML 21Page - Jewel Hill Electronic GG2015 Datasheet HTML 22Page - Jewel Hill Electronic GG2015 Datasheet HTML 23Page - Jewel Hill Electronic GG2015 Datasheet HTML 24Page - Jewel Hill Electronic GG2015 Datasheet HTML 25Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
9. RELIABILITY
9.1. MTBF
The LCD module shall be designed to meet a minimum MTBF value of 50000 hours with normal.
(25°C in the room without sunlight)
9.2. TESTS
NO.
ITEM
CONDITION
CRITERION
1
High Temperature Operating
70℃
120Hrs
2
Low Temperature Operating
-20℃
120Hrs
3
High Temperature/
Humidity Non-Operating
70℃ ,90%RH ,120 Hrs
4
High Temperature
Non-Operating
80℃ 120Hrs
5
Low Temperature
Non-Operating
-30℃ 120Hrs
6
Temperature Cycling
Non-Operating
-20℃(30Min )
↔ 70℃(30Min)
10
CYCLES
。No Defect Of
Operational Function In
Room Temperature Are
Allowable.
。IDD of LCM in
Pre-and post-test should
follow specification
Notes: Judgments should be mode after exposure in room temperature for two hours.
GG2015
VER: 2.0
- 20 -
Issue date: 2005/11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com