Electronic Components Datasheet Search
  English  ▼

X  

DS620SLIM Datasheet(PDF) 5 Page - Synology Inc.

Part # DS620SLIM
Description  DiskStation DS620slim
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS620SLIM Datasheet(HTML) 5 Page - Synology Inc.

  DS620SLIM Datasheet HTML 1Page - Synology Inc. DS620SLIM Datasheet HTML 2Page - Synology Inc. DS620SLIM Datasheet HTML 3Page - Synology Inc. DS620SLIM Datasheet HTML 4Page - Synology Inc. DS620SLIM Datasheet HTML 5Page - Synology Inc. DS620SLIM Datasheet HTML 6Page - Synology Inc. DS620SLIM Datasheet HTML 7Page - Synology Inc. DS620SLIM Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DATASHEET | DiskStation DS620slim
1
Status indicator
2
Alert indicator
3
Power button
4
LAN indicator
5
Drive status indicator
6
Drive tray
7
FAN
8
Power port
9
1GbE RJ-45 port
10 Kensington Security Slot
11 USB 3.0 port
12 Reset button
Front
Rear
Technical Specifications
Hardware
CPU
Intel Celeron J3355 dual-core 2.0 GHz, burst up to 2.5 GHz
Hardware encryption engine
Yes (AES-NI)
Hardware transcoding engine
• Supported codecs: H.264 (AVC), H.265 (HEVC), MPEG-2, VC-1
• Maximum resolution: 4K (4096 x 2160)
• Maximum frames per second (FPS): 30
Memory
2 GB DDR3L (expandable up to 6 GB)
Compatible drive type
6 x 2.5” SATA HDD/SSD (drives not included)
Hot swappable drive
Yes
External port
2 x USB 3.0 port
Size (HxWxD)
121 x 151 x 175 mm
Weight
1.40 kg
LAN
2 x Gigabit (RJ-45)
Wake on LAN/WAN
Yes
Scheduled power on/off
Yes
System fan
80 x 80 x 20 mm
AC input power voltage
100V to 240V AC
Power frequency
50/60Hz, single phase
Operating temperature
0°C to 40°C (32°F to 104°F)
Storage temperature
-20°C to 60°C (-5°F to 140°F)
Relative humidity
5% to 95% RH
Maximum operating altitude
5,000 m (16,400 ft)
Hardware Overview
5
1
3
2
4
7
8
9 10
11
12
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com