Electronic Components Datasheet Search
  English  ▼

X  

DS712PLUS Datasheet(PDF) 2 Page - Synology Inc.

Part # DS712PLUS
Description  Synology DiskStation DS712
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS712PLUS Datasheet(HTML) 2 Page - Synology Inc.

  DS712PLUS Datasheet HTML 1Page - Synology Inc. DS712PLUS Datasheet HTML 2Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
DS712+
CONNECTIONS & BUTTONS
Networking
SYNOLOGY INC.
Founded in 2000, Synology is a young and energetic
company dedicated to developing high-performance,
reliable, versatile, and environmentally-friendly
Network Attached Storage (NAS) products. Our goal
is to deliver user-friendly solutions and solid customer
service to satisfy the needs of businesses, home offices,
individual users and families.
Copyright © 2011, Synology Inc. All rights reserved.
Synology, the Synology logo are trademarks or
registered trademarks of Synology Inc. Other product
and company names mentioned herein may be
trademarks of their respective companies. Synology
may make changes to specification and product
descriptions at anytime, without notice.
Printed in Taiwan,
DS712+-2011-ENU-REV001
http://www.synology.com
Headquarters
Synology Inc.
3F-3, No. 106, Chang An W. Rd., Taipei, Taiwan
Tel: +886 2 2552 1814 Fax: +886 2 2552 1824
North & South America
Synology America Corp.
2899 152nd Ave NE, Redmond, WA 98052. USA
Tel: +1 425 818 1587
Synology UK Ltd.
Davy Avenue, Knowlhill,
Milton Keynes, Bucks,
MK5 8PB, UK
Tel: +44 01908 673 709
TechnicalSpecifications
Hardware
• CPU: 1.8GHz, with floating point
• RAM Size: 1 GB
• Internal HDD3: 3.5” or 2.5” SATA(II) X 2
• External HDD Interface: 3X USB ports, 1X eSATA ports
• Size: 157mm X 103.5mm X 232mm
• Weight: 1.69kg
• LAN: 2X Gigabit
• Fan: 1X (92mm X 92mm)
• Wireless Support4
• Wake on LAN
• Noise Level5: 19.2 dB(A)
• Hot swappable HDD
• Power Recovery
• AC Input Power Voltage: 100V to 240V
• Power Frequency: 50Hz to 60Hz, Single Phase
• Max Internal Capacity: 6TB (2X 3TB hard drives)6
• Operating Temperature: 5°C to 35°C (40°F to 95°F)
• Storage Temperature: -10°C to 70°C (15°F to 155°F)
• Relative Humidity: 5% to 95% RH
• Max Operating Altitude: 10,000 feet
• Power Consumption: 27.5W (Access); 24.2W (Idle);17.6W
(HDD Hibernation)7
• Certification: FCC Class B, CE Class B, BSMI Class B
Applications
File Browser / File Station
FTP Server
• Bandwidth Control
• Custom FTP Passive Port Range
• Anonymous FTP
• Transfer Log
Web Station
• Virtual Host (up to 30 websites)
• PHP/MySQL
• Alternative HTTP Error Page
• 3rd-Party Applications Support
Surveillance Station
• Default IP cam #: 1
• MAX IP cam # (licenses required): 168
Photo Station
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, RAW
(arw, srf, sr2, dcr, k25, kdc, cr2, crw, nef, mrw, ptx, pef, raf,
3fr, erf, mef, mos, orf, rw2, dng, x3f)
• Supported Video Format9 : 3G2, 3GP, ASF, AVI, DAT, DivX,
FLV, M4V, MOV, MP4, MPEG, MPG, QT, WMV, XviD, RM,
RMVB, VOB, RV30, RV40, AC3, AMR, WMA3
Download Station
• Supported Download Protocols: BT/HTTP/FTP/NZB/eMule
• Custom BitTorrent Port Range
• BitTorrent / eMule Bandwidth Control
Audio Station
• Supported Audio Format: (USB Mode) AAC, FLAC, M4A,
MP3, Ogg Vorbis, WMA, WMA VBR; (Streaming Mode)
MP3, M4A, M4B
• Supported Playlist Format: M3U, WPL
• Internet Radio: SHOUTcast, Radioio
DLNA/UPnP Media Server
• DLNA Certified
• PS3/Xbox 360 Support
• Supported Audio Format: AAC, FLAC, M4A, MP3, Ogg
Vorbis, PCM, WAV, WMA, WMA VBR, WMA PRO, WMA
Lossless
• Supported Video Format: 3GP, 3G2, ASF, AVI, DAT, DivX,
DVR-MS, ISO, M2T, M2TS, M4V, MKV, MP4, MPEG1, MPEG2,
MPEG4, MTS, MOV, QT, SWF, TP, TRP, TS, VOB, WMV, XviD,
RV30, RV40, AC3, AMR, WMA3
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, ICO,
PNG, PSD, TIF (tiff), UFO, RAW (arw, srf, sr2, dcr, k25, kdc,
cr2, crw, nef, mrw, ptx, pef, raf, 3fr, erf, mef, mos, orf, rw2,
dng, x3f)
• Supported Subtitles Format: srt, psb, smi, ass, ssa, sub,
idx, ifo
iTunes Server
• Supported Audio Format10: MP3, M4A, M4P, WAV, AIF
• Supported Video Format: M4V, MOV, MP4
• Supported Playlist Format: M3U, WPL
Print Server11
• Max Printer #: 2
• Supported Protocols: LPR, CIFS, AppleTalk, AirPrint
Synology Packages
• Mail Station
• Squeezebox Server
• Webalizer
• phpMyAdmin
• Time Backup
• HASP
• VPN Server
iPhone and Android Applications
• DS photo+
• DS audio
• DS cam
• DS file
• DS finder
General Specifications
Networking Protocols
• CIFS, AFP, FTP, iSCSI, Telnet, SSH, NFS, WebDAV, SNMP
File System
• EXT4
• EXT3 (External Disk Only)
• FAT32 (External Disk Only)
• NTFS (External Disk Only)
Volume Management
• Synology Hybrid RAID
• Max Volume #: 512
• Max iSCSI Target / LUN: 32 / 256
• Volume Type: Basic, JBOD, RAID 0, RAID 1
• RAID Migration: from Basic to RAID 1
• Volume Expansion with DX510
File Sharing Capability
• Max User Account: 2048
• Max Group: 256
• Max Shared Folder: 256
• Max Concurrent Connections (CIFS, FTP, AFP): 512
Windows Access Control List (ACL) Support
Windows ADS Domain Integration
• Domain Users login via CIFS/AFP/FTP/File Station
Backup Solutions
• Network Backup
• Shared Folder Sync
• Local Backup
• Time Backup
• Desktop Backup (using Synology Data Replicator 3 or
Apple Time Machine backup application)
• 3rd-Party Backup Support
• USBCopy
Security
• FTP over SSL/TLS
• IP Auto-Block
• Firewall
• Encrypted Network Backup over rsync
• HTTPS Connection
Management
• Auto DSM Upgrade
• Email Notification
• SMS Notification
• Customized User Quota
• DDNS Support
• PPPoE
• Resource Monitor
• UPS Management
• Multiple Scheduled Power On/Off
• Custom Management UI HTTP/HTTPS Ports
HDD Management
• Deep Sleep
• HDD Hibernation
• S.M.A.R.T.
• Dynamic Bad Sector Mapping
Utilities
• Synology Assistant
• Synology Data Replicator
Supported Browsers
• Chrome
• Internet Explorer 7, 8, and 9
• Firefox 3.5 and 3.6
• Safari 4 and 5 (Mac)
Supported Clients
• Windows 2000 onward
• Mac OS X 10.3 onward
• Ubuntu 9.04 onward
Supported Mobile Devices (Photo Station, File Station)
• iPhone OS 2.2.1 onward
• Android OS 1.5 onward
• Windows Mobile (IE Mobile or Opera 9.0 onward)
• Symbian OS 9.1, S60 3rd Edition onward
Language
• English, Deutsch, Français, Italiano, Español, Dansk,
Norsk, Svensk, Nederlands, Русский, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Environment and Packaging
Environment
• RoHS Compliant
Package Content
• DS712+ Main Unit
• Installation DVD
• Welcome Note
• Assembling Kit
• AC Power Adapter (72W)
• AC Power Cord
• 2M RJ-45 LAN Cable X 2
Optional Accessories
• Remote
• Camera License Pack
1. With Link Aggregation enabled. The performance figures could
vary on different environments.
2. DS712+ supports up to one Synology DX510, purchased
separately.
3. Hard drive not included.
4. Wireless dongles not included. Please check http://www.synology.
com/ for supported wireless dongloes.
5. Fully loaded with Seagate ST31000520AS hard drive(s) in
operation; Two G.R.A.S. Type 40AE microphones, each set up at
1 meter away from the DiskStation front and rear; Background
noise: 17.2 dB(A); Temperature: 23.6˚C; Humidity: 58.2%; More
details about dB(A) value, check http://www.memtechacoustical.
com/facts.asp
6. The actual capacity will differ according to volume types.
7. Measured with 2 Western Digital 3TB WD30EZRS hard drive. The
figures could vary on different environments.
8. 1 free license to install 1 IP camera. Additional licenses can be
purchased to expand the license quota.
9. User can click and download the following video formats: RM,
RMVB, VOB, RV30, RV40, AC3, AMR, WMA3, but not able to play it
in Photo Station as compressed Flash video.
10.The music in WAV and AIF format can be streamed, but the
metadata (ex: title, album) may not be indexed on the iTunes.
11.For Mac users, DS712+ supports PostScript USB printers only.
USB Printer
DS712+
External Disk
Wireless Router
DS712+
Windows ADS Server
IP Camera
PC / Mac / Linux
PC / Mac / Linux
Power
Button
HDD Tray
Lock
Fan
Power
Port
USB 2.0
Port
eSATA
Port
RESET Button
LAN Port
LED
Indicators
USB 2.0
Port
HDD Tray
Copy
Button



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com