Electronic Components Datasheet Search
  English  ▼

X  

GT2001 Datasheet(PDF) 21 Page - Jewel Hill Electronic

Part # GT2001
Description  SPECIFICATIONS FOR LCD MODULE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GT2001 Datasheet(HTML) 21 Page - Jewel Hill Electronic

Back Button GT2001 Datasheet HTML 17Page - Jewel Hill Electronic GT2001 Datasheet HTML 18Page - Jewel Hill Electronic GT2001 Datasheet HTML 19Page - Jewel Hill Electronic GT2001 Datasheet HTML 20Page - Jewel Hill Electronic GT2001 Datasheet HTML 21Page - Jewel Hill Electronic GT2001 Datasheet HTML 22Page - Jewel Hill Electronic GT2001 Datasheet HTML 23Page - Jewel Hill Electronic GT2001 Datasheet HTML 24Page - Jewel Hill Electronic GT2001 Datasheet HTML 25Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
-The LCD Module is coated with a film to protect the display surface. Exercise care when peeling
off this protective film since static electricity may be generated.
10.2.
STORAGE CONDITIONS
When storing, avoid the LCD module to be exposed to direct sunlight of fluorescent lamps. For
stability, to keep it away form high temperature and high humidity environment (The best condition
is : 23±5°C, 45±20%RH). ESD protection is necessary for long-term storage also.
10.3.
OTHERS
Liquid crystals solidify under low temperature (below the storage temperature range) leading to
defective orientation or the generation of air bubbles (black or white). Air bubbles may also be
generated if the module is subject to a low temperature.
If the LCD Module have been operating for a long time showing the same display patterns the display
patterns may remain on the screen as ghost images and a slight contrast irregularity may also appear.
A normal operating status can be recovered by suspending use for some time. It should be noted that
this phenomenon does not adversely affect performance reliability.
To minimize the performance degradation of the LCD Module resulting from destruction caused by
static electricity etc. exercise care to avoid holding the following sections when handling the modules.
-
Exposed area of the printed circuit board.
-
Terminal electrode sections.
GT2001
VER: 1.0
- 20 -
Issue date: 2005/11/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com