Electronic Components Datasheet Search
  English  ▼

X  

GT2016 Datasheet(PDF) 21 Page - Jewel Hill Electronic

Part # GT2016
Description  SPECIFICATIONS FOR LCD MODULE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GT2016 Datasheet(HTML) 21 Page - Jewel Hill Electronic

Back Button GT2016 Datasheet HTML 17Page - Jewel Hill Electronic GT2016 Datasheet HTML 18Page - Jewel Hill Electronic GT2016 Datasheet HTML 19Page - Jewel Hill Electronic GT2016 Datasheet HTML 20Page - Jewel Hill Electronic GT2016 Datasheet HTML 21Page - Jewel Hill Electronic GT2016 Datasheet HTML 22Page - Jewel Hill Electronic GT2016 Datasheet HTML 23Page - Jewel Hill Electronic GT2016 Datasheet HTML 24Page - Jewel Hill Electronic GT2016 Datasheet HTML 25Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
․Note 3. Definition of Viewing Angle θ and ψ :
12 O’clock Direction
9 O’clock Direction
3 O’clock Direction
φ
θ
Normal :
θ=0°
φ=0°
Viewing Direction
6 O’clock Direction
φ=180°
φ=270°
φ=90°
․Note 4. Definition of Contrast ratio( CR) :
Brightness of Non-selected Segment (B2)
Brightness of Selected Segment (B1)
CR
=
CR,max
Contrast
B1
100%
0%
Brightness Curve for
Non-selected Segment
Brightness Curve for
Selected Segment
B2
Driving Voltage
V,max
GT2016
VER: 1.0
- 20 -
Issue date: 2005/11/1201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com