Electronic Components Datasheet Search
  English  ▼

X  

CENTRO-8M Datasheet(PDF) 2 Page - DemoPad Software Ltd

Part # CENTRO-8M
Description  CENTRO-8M IP Control Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEMOPAD [DemoPad Software Ltd]
Direct Link  http://www.demopad.com/
Logo DEMOPAD - DemoPad Software Ltd

CENTRO-8M Datasheet(HTML) 2 Page - DemoPad Software Ltd

  CENTRO-8M Datasheet HTML 1Page - DemoPad Software Ltd CENTRO-8M Datasheet HTML 2Page - DemoPad Software Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
2 of 2
Communication and Control
IR
3x IR TX: 3.5mm (1/8in) TS Mono
RS-232
2x RS-232: 9-pin DB9 Female
Relay and Triggers
4x high voltage contact closure relay outputs | 8x volt-free digital inputs
Ethernet
1x LAN: 8-pin RJ-45 Female
Wireless Connectivity
2.4Ghz and 5Ghz IEEE 802.11.b/g/n/ac wireless LAN | Bluetooth 4.2
Clock
Real time clock (astrologically aware)
Processor
Broadcom BCM2837B0, Cortex-A53 64Bit SoC @1.4GHz
Memory
1GB LPDDR2 SDRAM
Others
4x USB 2.0 A | 1x 3.5mm Stereo Jack audio out | 1x HDMI Output
Power
Power Supply
5V DC 2.5A
Max Power Consumption
12.5W
Environmental
Operating Temperature
0 to + 45°C (32 to + 113 °F), 10% to 90%, non-condensing
Storage Temperature
-20 to +70°C (-4 to + 158 °F), 10% to 90%, non-condensing
Maximum BTU
42.65 BTU/h
Dimensions and Weight
Rack Units/Wall Box
<1U
Height
280mm/11.02in
Width
910mm/35.8in
Depth
600mm/23.6in
Weight
0.19kg/0.43lbs
Regulatory
Safety and Emission
CE | FCC | RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com