Electronic Components Datasheet Search
  English  ▼

X  

CMD196 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # CMD196
Description  DC - 28 GHz SPDT Non-reflective Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD196 Datasheet(HTML) 3 Page - Qorvo, Inc

  CMD196 Datasheet HTML 1Page - Qorvo, Inc CMD196 Datasheet HTML 2Page - Qorvo, Inc CMD196 Datasheet HTML 3Page - Qorvo, Inc CMD196 Datasheet HTML 4Page - Qorvo, Inc CMD196 Datasheet HTML 5Page - Qorvo, Inc CMD196 Datasheet HTML 6Page - Qorvo, Inc CMD196 Datasheet HTML 7Page - Qorvo, Inc CMD196 Datasheet HTML 8Page - Qorvo, Inc CMD196 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CMD196
DC-28 GHz SPDT Non-reflective Switch
Data Sheet Rev. C, June 9, 2022 | Subject to change without notice
3 of 10
www.qorvo.com
®
Typical Performance
Insertion Loss vs. Temperature
Return Loss
-5
-4
-3
-2
-1
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Frequency/GHz
+25C
+85C
-55C
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Frequency/GHz
RFC
RF1, RF2 On
RF1, RF2 Off
Frequency/GHz
Frequency/GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com