Electronic Components Datasheet Search
  English  ▼

X  

CMD196C3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD196C3
Description  DC-18 GHz SPDT Non-reflective Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD196C3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD196C3 Datasheet HTML 1Page - Qorvo, Inc CMD196C3 Datasheet HTML 2Page - Qorvo, Inc CMD196C3 Datasheet HTML 3Page - Qorvo, Inc CMD196C3 Datasheet HTML 4Page - Qorvo, Inc CMD196C3 Datasheet HTML 5Page - Qorvo, Inc CMD196C3 Datasheet HTML 6Page - Qorvo, Inc CMD196C3 Datasheet HTML 7Page - Qorvo, Inc CMD196C3 Datasheet HTML 8Page - Qorvo, Inc CMD196C3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.qorvo.com
1 of 10
Data Sheet Rev B. April 29, 2022 | Subject to change without
notice
Part No.
Description
CMD196C3
500 Piece 7” Reel
CMD196C3-EVB 1 Piece Bag
®
Product Overview
The CMD196C3 is a general-purpose broadband high
isolation non-reflective MMIC SPDT switch housed in a
leadless 3x3 mm surface mount package. Covering DC
to 18 GHz, the CMD196C3 features a low insertion loss
of 1.5 dB and high isolation of 46 dB at 8 GHz. The
CMD196C3 operates using complementary control
voltage logic lines of 0/-5 V and requires no bias supply.
Functional Block Diagram
CMD196C3
DC-18 GHz SPDT Non-reflective Switch
Key Features
• Low Loss Broadband Performance
• High Isolation
• Fast Switching Speed
• Non-Reflective Design
• Pb-Free RoHs Compliant 3x3 SMT Package
Ordering Information
Electrical Performance (Vctl = 0/-5 V, TA = 25o C, F = 8 GHz)
Parameter
Min
Typ
Max
Units
Frequency Range
DC - 18
GHz
Insertion Loss
1.5
dB
Isolation
46
dB
Return Loss - On State
17
dB
Return Loss RF1, RF2 - Off State
17
dB
Input P1dB
23
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
1.8
ns
tON, tOFF (50% CTL to 10/90% RF)
11/4
ns


Similar Part No. - CMD196C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD196C3 MMIC-CMD196C3 Datasheet
257Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
More results

Similar Description - CMD196C3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G Datasheet
208Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
List of Unclassifed Man...
HMC284MS8GE ETC2-HMC284MS8GE Datasheet
221Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
DC-18 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com