Electronic Components Datasheet Search
  English  ▼

X  

DS920PLUS Datasheet(PDF) 1 Page - Synology Inc.

Part # DS920PLUS
Description  DiskStation DS920
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS920PLUS Datasheet(HTML) 1 Page - Synology Inc.

  DS920PLUS Datasheet HTML 1Page - Synology Inc. DS920PLUS Datasheet HTML 2Page - Synology Inc. DS920PLUS Datasheet HTML 3Page - Synology Inc. DS920PLUS Datasheet HTML 4Page - Synology Inc. DS920PLUS Datasheet HTML 5Page - Synology Inc. DS920PLUS Datasheet HTML 6Page - Synology Inc. DS920PLUS Datasheet HTML 7Page - Synology Inc. DS920PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DiskStation
DATASHEET | DiskStation DS920+
Highlights
• Accelerated Application Performance
Average 15% performance boost to photo indexing
and other computing-intensive operations, as well as
database response time2
• Reach Optimal Performance and Capacity with SSD
Cache
Built-in M.2 2280 NVMe SSD slots permit cache
acceleration without occupying storage drive bays
• Expand Storage with Ease
Flexibly scale up to nine drives to increase storage
capacity as demand grows
• Empower Collaboration and Productivity
Build an on-premises, multi-user collaboration
environment with fine-grained control
• Protect and Restore Data in a Snap
Back up critical data and reduce your Recovery Time
Objective (RTO) with Snapshot Replication
• Ready to Go Virtualized
Set up and run mainstream virtual machines within
your Synology NAS
• Safeguard Your Physical Assets with 24/7
Surveillance
Feature-rich Surveillance Station with user-friendly
management tools
Capacity-scalable NAS with
SSD Cache Acceleration
Capability
Synology DiskStation DS920+ is an ideal
network-attached storage solution designed
to streamline data management and
productivity. Two built-in M.2 SSD slots
and Synology SSD Cache technology allow
you to boost system I/O and application
performance. With scalable storage design,
DS920+ lets you start small and expand
storage capacity with the Synology DX517 as
your data grows1.
DS920+


Similar Part No. - DS920PLUS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
DS92001 NSC-DS92001 Datasheet
642Kb / 12P
3.3V B/LVDS-BLVDS Buffer
logo
Texas Instruments
DS92001 TI-DS92001 Datasheet
897Kb / 17P
DS92001 3.3V B/LVDS-BLVDS Buffer
DS92001 TI2-DS92001 Datasheet
601Kb / 20P
DS92001 3.3V B/LVDS-BLVDS Buffer
REVISED APRIL 2013
logo
National Semiconductor ...
DS92001TLD NSC-DS92001TLD Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com