Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGF Datasheet(PDF) 60 Page - Omron Electronics LLC

Part # F39-LSGF
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGF Datasheet(HTML) 60 Page - Omron Electronics LLC

Back Button F39-LSGF Datasheet HTML 56Page - Omron Electronics LLC F39-LSGF Datasheet HTML 57Page - Omron Electronics LLC F39-LSGF Datasheet HTML 58Page - Omron Electronics LLC F39-LSGF Datasheet HTML 59Page - Omron Electronics LLC F39-LSGF Datasheet HTML 60Page - Omron Electronics LLC F39-LSGF Datasheet HTML 61Page - Omron Electronics LLC F39-LSGF Datasheet HTML 62Page - Omron Electronics LLC F39-LSGF Datasheet HTML 63Page - Omron Electronics LLC F39-LSGF Datasheet HTML 64Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
F3SG-SR/PG
60
Cascading Cable for Extended (F39-JGR3W, sold separately)
(two cables per set, one for emitter and one for receiver)
Emitter Cascading Cable for Extended
Receiver Cascading Cable for Extended
Side-by-side Cascading Cable (F39-JGR12L, sold separately)
(two cables per set, one for emitter and one for receiver)
Side-by-side Cascading Cable for Emitter
Side-by-side Cascading Cable for Receiver
Conversion Cable
F3SJ-B/A Conversion Cable for Emitter (F39-JGR3K-SJ-L, sold separately)
Set model name
Emitter cable (Gray)
Receiver cable (Black)
Length
F39-JGR3W
F39-JGR3W-L
F39-JGR3W-D
0.3 m
Set model name
Emitter cable (Gray)
Receiver cable (Black)
Length
F39-JGR12L
F39-JGR12L-L
F39-JGR12L-D
12 cm
Oil-resistant PVC-insulated round cable, dia. 6
minimum bending radius R5, 5-wire
(Cross section of conductor: 0.2 mm2/
insulator diameter: dia. 1.1 mm)
2-M2.5 screw
31.6
16.4
300
40.7
M12 IP67 Connector
Connector
Oil-resistant PVC-insulated round cable, dia. 6
minimum bending radius R5, 8-wire
(Cross section of conductor: 0.2 mm2/
insulator diameter: dia. 1.1 mm)
2-M2.5 screw
M12 IP67 Connector
Connector
16.4
300
40.7
31.6
2-M2.5 screw
Oil-resistant PVC-insulated round cable, dia. 6
minimum bending radius R5, 5-wire
(Cross section of conductor: 0.2 mm2/insulator diameter: dia. 1.1 mm)
120
31.6
2-M2.5 screw
31.6
BTM side
TOP side
16.4
16.4
Connector
Connector
2-M2.5 screw
Oil-resistant PVC-insulated round cable, dia. 6
minimum bending radius R5, 8-wire
(Cross section of conductor: 0.2 mm2/insulator diameter: dia. 1.1 mm)
120
31.6
2-M2.5 screw
31.6
16.4
16.4
Connector
Connector
BTM side
TOP side
Connector
M12 IP67 connector, 8-wire
2-M2.5 screw
31.6
44.7
300
16.4
Oil-resistant PVC-insulated round cable, dia. 6
minimum bending radius R5
(Cross section of conductor: 0.2 mm2/insulator diameter: dia. 1.1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com