Electronic Components Datasheet Search
  English  ▼

X  

CMD282 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # CMD282
Description  DC-40 GHz 2-bit Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD282 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button CMD282 Datasheet HTML 2Page - Qorvo, Inc CMD282 Datasheet HTML 3Page - Qorvo, Inc CMD282 Datasheet HTML 4Page - Qorvo, Inc CMD282 Datasheet HTML 5Page - Qorvo, Inc CMD282 Datasheet HTML 6Page - Qorvo, Inc CMD282 Datasheet HTML 7Page - Qorvo, Inc CMD282 Datasheet HTML 8Page - Qorvo, Inc CMD282 Datasheet HTML 9Page - Qorvo, Inc CMD282 Datasheet HTML 10Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CMD282
DC-40 GHz 2-bit Digital Attenuator
Data Sheet Rev. B, June 21, 2022 | Subject to change without notice
9 of 10
www.qorvo.com
®
Applications Information
Assembly Guidelines
The backside of the CMD282 is RF ground. Die attach should be accomplished with electrically and thermally conductive
epoxy only. Eutectic attach is not recommended. Standard assembly procedures should be followed for high frequency
devices. The top surface of the semiconductor should be made planar to the adjacent RF transmission lines, and the RF
decoupling capacitors placed in close proximity to the DC connections on chip.
RF connections should be made as short as possible to reduce the inductive effect of the bond wire. Use of a 0.8 mil
thermosonic wedge bonding is highly recommended as the loop height will be minimized. The RF input and output require
a single bond wire as shown.
The semiconductor is 100 um thick and should be handled by the sides of the die or with a custom collet. Do not make
contact directly with the die surface as this will damage the monolithic circuitry. Handle with care.
Assembly Diagram
Biasing and Operation
The CMD282 has two control lines and a Vee bias port. The CMD282 will not operate unless Vee is applied to the MMIC.
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should be
observed during handling, assembly and test.
RF1
RF2
Vee
P0
P1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com