Electronic Components Datasheet Search
  English  ▼

X  

2139 Datasheet(PDF) 16 Page - Abbatron All Rights Reserved

Part # 2139
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

2139 Datasheet(HTML) 16 Page - Abbatron All Rights Reserved

Back Button 2139 Datasheet HTML 12Page - Abbatron All Rights Reserved 2139 Datasheet HTML 13Page - Abbatron All Rights Reserved 2139 Datasheet HTML 14Page - Abbatron All Rights Reserved 2139 Datasheet HTML 15Page - Abbatron All Rights Reserved 2139 Datasheet HTML 16Page - Abbatron All Rights Reserved 2139 Datasheet HTML 17Page - Abbatron All Rights Reserved 2139 Datasheet HTML 18Page - Abbatron All Rights Reserved 2139 Datasheet HTML 19Page - Abbatron All Rights Reserved 2139 Datasheet HTML 20Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Miniature Binding Posts
PART NO.
MNTG. HOLE
POST THREAD
3015
1/2
4-40
Fluted post head is molded Lexan Polycarbonate with a gold plated brass
insert.
Body is brass with gold plating.
Washers are molded nylon with a gold plated brass insert.
Mounts in panel hole as indicated in table.
Connects with .080” phone tip plug, spade lug, miniature banana plug, alligator
clip or wire (to #18).
To connect circuit, wrap wire around solder turret or attach to solder lug
between nuts (lug not supplied).
Please refer to Table A (page 12) for post rating information.
Post is available in standard red (-102) and black (-103). Other colors are
available from factory. Please add color to part number as suffix.
Insulated Binding Posts
14
Body is brass with nickel or tin plating as indicated.
Body mounts as indicated in table.
Connects with .080” phone tip plug, spade lug, standard banana plug, alligator
clip or wire (to #14).
To connect circuit, wrap wire around solder turret or attach to solder lug
between nuts (lug not supplied).
Please refer to Table A (page 12) for post rating information.
All posts shown here are available in standard red (-102) and black (-103).
Other colors are available from factory. Please add color to part number as
suffix.
PART NO.
FIGURE
MNTG. HOLE
POST THREAD
WASHER
PLATING
1482
A
11/16
8-32
None
Nickel
1464
B
5/16 "D"
5/16 - 32
Insulating
Tin
B
A
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com