Electronic Components Datasheet Search
  English  ▼

X  

TDA7497S Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7497S
Description  8W8W15W TRIPLE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7497S Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7497S Datasheet HTML 1Page - STMicroelectronics TDA7497S Datasheet HTML 2Page - STMicroelectronics TDA7497S Datasheet HTML 3Page - STMicroelectronics TDA7497S Datasheet HTML 4Page - STMicroelectronics TDA7497S Datasheet HTML 5Page - STMicroelectronics TDA7497S Datasheet HTML 6Page - STMicroelectronics TDA7497S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TDA7497S
2/7
ABSOLUTE MAXIMUM RATINGS
(1) Operation between -20 to 85 °C guaranteed by correlation with 0 to 70°C.
PIN CONNECTION (Top view)
THERMAL DATA
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
35
V
Ptot
Total Power Dissipation (Tamb = 70°C)
20
W
Tamb
Ambient Operating Temperature (1)
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Typ.=1.3 max = 1.9
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
max = 35
°C/W
1
2
3
4
5
6
7
9
10
11
8
PW_GND
MUTE1 (L/R)
MUTE2 (CENTER)
S_GND
SVR
INC
INL
PW_GND_C
OUTC
VS_C
INR
13
14
15
12
PW_GND
OUTR
VS
OUTL
D98AU962A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com