Electronic Components Datasheet Search
  English  ▼

X  

120 Datasheet(PDF) 21 Page - Abbatron All Rights Reserved

Part # 120
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

120 Datasheet(HTML) 21 Page - Abbatron All Rights Reserved

Back Button 120 Datasheet HTML 17Page - Abbatron All Rights Reserved 120 Datasheet HTML 18Page - Abbatron All Rights Reserved 120 Datasheet HTML 19Page - Abbatron All Rights Reserved 120 Datasheet HTML 20Page - Abbatron All Rights Reserved 120 Datasheet HTML 21Page - Abbatron All Rights Reserved 120 Datasheet HTML 22Page - Abbatron All Rights Reserved 120 Datasheet HTML 23Page - Abbatron All Rights Reserved 120 Datasheet HTML 24Page - Abbatron All Rights Reserved 120 Datasheet HTML 25Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Knob Type Binding Posts
19
•
Where only a simple, grounded, single-wire connection is
to be made to a panel or chassis, these metal compression
type posts are recommended.
•
Parts in diagram B and C connect with .080” phone tip plug,
standard banana plug and wire (to #14).
B
C
A
PART
NO.
FIGURE MOUNTING
HOLE
MOUNTING
THREAD
110
A
#8
8-32 Screw
159
B
#6
6-32 Thread
136
C
#6
6-32 Thread
Type
SPECS
CONTINUOUS
TEMPERATURE
FLAMMABILITY
RATING - UL
Nylon Type 6/6
ASTM-D4066
185 F
94 V-2
Polycarbonate
UL-94
220 F
94 V-0
A.B.S.
L-P-1183
160 F
94HB
Phenolic
-
220 F
94HB
PLASTICS
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
Design & Application Features:
Where only a simple, grounded, single wire connection is to
be made to a panel or chassis, the metal compression type
posts are recommended (part numbers 159,136).
Where a grounded connection is required, but a variety of
plugs, tips or wires may be used, the metal-head, multiple-
use binding posts are ideal. The hex styles offer a variety of
sizes and current ranges (part numbers 1835 and 137).
For lowest cost in insulated binding posts, fluted head posts
are the choice (part number 1464). The thread is molded as
an integral part of the head, thus reducing cost but maintain-
ing quality. Versions are offered to ground the post directly
to the panel or to fully insulate the post.
Our premium quality insulated binding posts feature brass
threaded inserts in the head, separable washer construction
and a variety of head styles, stud sizes, mounting space
requirements and metal finishes.
High current posts are available in both hex and fluted heads,
whereas the thinner styles offer narrow fluted heads for space
efficiency (part numbers 257, 1517 and 459). Both of these
types are made in military specifications style in the gold
plated versions. Tin plated posts have all the features of the
MIL-Spec posts with the bright solderable pure tin plating for
greater economy.
A subminiature post is offered to fit miniature banana plugs and
miniature alligator clips and spade lugs (part number 3015).
The line of dual binding posts offer all features and economies of
the single posts but with the added convenience of pre-mounting
on exact 3/4" or 1/2" centers on a common panel insulator (part
numbers 269, 1477, 1813 and 1814).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com