Electronic Components Datasheet Search
  English  ▼

X  

TDA7417 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7417
Description  Car radio audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7417 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7417 Datasheet HTML 6Page - STMicroelectronics TDA7417 Datasheet HTML 7Page - STMicroelectronics TDA7417 Datasheet HTML 8Page - STMicroelectronics TDA7417 Datasheet HTML 9Page - STMicroelectronics TDA7417 Datasheet HTML 10Page - STMicroelectronics TDA7417 Datasheet HTML 11Page - STMicroelectronics TDA7417 Datasheet HTML 12Page - STMicroelectronics TDA7417 Datasheet HTML 13Page - STMicroelectronics TDA7417 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Electrical specifications
TDA7417
10/34
DIFFERENTIAL STEREO INPUTS
Rin
Input resistance
Differential
70
100
130
k
Ω
CMRR
Common mode rejection ratio
VCM=1 VRMS@ 1kHz
46
60
dB
VCM=1 VRMS@ 10kHz
46
60
dB
DIFFERENTIAL MONO INPUTS
Rin
Input resistance
Differential
40
56
72
k
Ω
CMRR
Common mode rejection ratio
VCM =1 VRMS@ 1kHz
40
60
dB
VCM =1 VRMS@ 10kHz
40
60
dB
MIXING CONTROL
MLEVEL
Mixing ratio
Main / Mix Source
-6/-6
dB
GMAX
Max gain
131517
dB
AMAX
Max attenuation
-83
-79
-75
dB
ASTEP
Step resolution
0.5
1
1.5
dB
LOUDNESS CONTROL
AMAX
Max attenuation
14
15
16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fPeak
Peak frequency(1)
fP1
360
400
440
Hz
fP2
720
800
880
Hz
fP3
2200
2400
2600
Hz
VOLUME CONTROL
GMAX
Max gain
141516
dB
AMAX
Max attenuation
-83
-79
-75
dB
ASTEP
Step resolution
0.5
1
1.5
dB
EA
Attenuation set error
G = -15to +15dB
-1
0
1
dB
G = -79 to -15dB
-4
0
3
dB
ET
Tracking error
2dB
VDC
DC steps
Adjacent attenuation steps
-3
0.1
3
mV
From 0dB to GMIN
-7
0.5
7
mV
SOFT MUTE
AMUTE
Mute attenuation
80
100
dB
TD
Delay time
T1
0.48
1
ms
T2
0.96
2
ms
T3
70
123
170
ms
Table 5.
Electrical characteristics (continued)
VS = 8.5V; Tamb= 25 C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com