Electronic Components Datasheet Search
  English  ▼

X  

9502 Datasheet(PDF) 11 Page - Abbatron All Rights Reserved

Part # 9502
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9502 Datasheet(HTML) 11 Page - Abbatron All Rights Reserved

Back Button 9502 Datasheet HTML 7Page - Abbatron All Rights Reserved 9502 Datasheet HTML 8Page - Abbatron All Rights Reserved 9502 Datasheet HTML 9Page - Abbatron All Rights Reserved 9502 Datasheet HTML 10Page - Abbatron All Rights Reserved 9502 Datasheet HTML 11Page - Abbatron All Rights Reserved 9502 Datasheet HTML 12Page - Abbatron All Rights Reserved 9502 Datasheet HTML 13Page - Abbatron All Rights Reserved 9502 Datasheet HTML 14Page - Abbatron All Rights Reserved 9502 Datasheet HTML 15Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Test Prods
9
Test prod handles are offered in red (-102) or black (-103).
Pleaseadd color as suffix to part number.
•
Precision machined tips are nickel plated brass.
•
Prods are made of tough, flame-retardant ABS
which resists deformation and cracking under the
most severe service.
•
Finger-grip grooves and a generous guard washer
prevent accidental contact with live conductors.
•
Probe tip is removable for replacement purposes.
A
320
327
C
B
PART NO.
STYLE
FIG.
MATERIAL
PLATING
LENGTH
BARREL O.D.
CONNECTION
300
Standard
A
Steel
Bright Tin
1-31/32
5/32
Solder or Banana Plug
350
Standard
B
Steel
Bright Tin
2
3/16
Screw. Solder or Banana
Plug
331
Standard Boot
2
9/32
Covers Standard Clips
389
Miniature Boot
1-3/8
7/32
Covers Medium Clips
-
Rubber
C
320
Solderless
327
Solder
TIP
WIRE
CONNECTION
ABS
MATERIAL
Threaded
Replaceable
PART
NO.
Alligator Clips
Red and black color availability for part numbers 331 and 389.
www.abbatron.com
Contact our Sales Department at 1-888-847-6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com