Electronic Components Datasheet Search
  English  ▼

X  

8302 Datasheet(PDF) 48 Page - Abbatron All Rights Reserved

Part # 8302
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

8302 Datasheet(HTML) 48 Page - Abbatron All Rights Reserved

Back Button 8302 Datasheet HTML 44Page - Abbatron All Rights Reserved 8302 Datasheet HTML 45Page - Abbatron All Rights Reserved 8302 Datasheet HTML 46Page - Abbatron All Rights Reserved 8302 Datasheet HTML 47Page - Abbatron All Rights Reserved 8302 Datasheet HTML 48Page - Abbatron All Rights Reserved 8302 Datasheet HTML 49Page - Abbatron All Rights Reserved 8302 Datasheet HTML 50Page - Abbatron All Rights Reserved 8302 Datasheet HTML 51Page - Abbatron All Rights Reserved 8302 Datasheet HTML 52Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Aluminum Round Spacers
• Standard clear chromate finish. Alternative finishes are
also available in quantity.
• Aluminum spacers offer a light-weight alternative to standard
brass counterparts.
46
HH Smith
SCREW NO.
MAJOR DIA.
HOLE SIZE
#2
0.086
0.093
#3
0.099
0.100
#4
0.112
0.120
#5
0.125
0.130
#6
0.138
0.144
#8
0.164
0.169
#10
0.190
0.196
#12
0.216
0.220
#4
#6
#8
#10
#4
#6
1/4
8480
8500
8520
1/4
8485
8505
5/16
9389A
9390A
8540
5/16
9389L
3/8
9391A
9392A
3/8
1/4
9200
9207
9214
1/4
9205
9212
5/16
9389B
9390B
9221
5/16
9389M
3/8
9391B
9392B
3/8
1/4
8481
8501
8521
1/4
8486
8506
5/16
9389C
9390C
8541
5/16
9389N
3/8
9391C
9392C
3/8
1/4
9201
9208
9215
1/4
9206
9213
5/16
9389D
9390D
9222
5/16
9389P
3/8
9391D
9392D
3/8
1/4
8482
8502
8522
1/4
8487
8507
5/16
9389E
9390E
8542
5/16
9389Q
3/8
9391E
9392E
3/8
1/4
9202
9209
9216
1/4
8480R
8500R
5/16
9389F
9390F
9223
5/16
9389R
3/8
9391F
9392F
1/4
8488
8508
1/4
8483
8503
8523
5/16
9389S
5/16
9389G
9390G
8543
1/4
8480T
8500T
3/8
9391G
9392G
5/16
9389T
1/4
9203
9210
9217
1/4
8489
8509
5/16
9389H
9390H
9224
5/16
9389U
3/8
9391H
9392H
1/4
8480V
8500V
1/4
8484
8504
8524
5/16
9389V
5/16
9389J
9390J
8544
1/4
8490
8510
3/8
9391J
9392J
5/16
9389W
1/4
9204
9211
9218
1/4
8480X
8500X
5/16
9389K
9390K
9225
5/16
9389X
3/8
9391K
9392K
1/4
8491
8511
5/16
9389Y
1.875
1 7/8
1.625
1 5/8
1.750
1 3/4
1.375
1 3/8
1.500
1 1/2
1.125
1 1/8
1.250
1 1/4
0.937
15/16
1
1
0.812
13/16
0.875
7/8
LENGTH
O.D.
I.D.
0.750
3/4
1
2.000
LENGTH
O.D.
I.D.
0.125
1/8
0.187
3/16
0.250
1/4
0.312
15/16
0.375
3/8
5/8
0.687
11/16
7/16
0.500
1/2
0.562
9/16
0.625
0.437



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com