Electronic Components Datasheet Search
  English  ▼

X  

TDA7410ND Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7410ND
Description  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 23Page - STMicroelectronics TDA7410ND Datasheet HTML 24Page - STMicroelectronics TDA7410ND Datasheet HTML 25Page - STMicroelectronics TDA7410ND Datasheet HTML 26Page - STMicroelectronics TDA7410ND Datasheet HTML 27Page - STMicroelectronics TDA7410ND Datasheet HTML 28Page - STMicroelectronics TDA7410ND Datasheet HTML 29Page - STMicroelectronics TDA7410ND Datasheet HTML 30Page - STMicroelectronics TDA7410ND Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
TDA7410ND
I2C bus specification
27/34
Table 14.
Speaker attenuation (2, 3, 4, 5)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Speaker Attenuation LF
(LR,RF,RR)
0
0
:
0
0
0
0
0
0
0
0
0
1
0
0
:
1
1
1
1
1
1
1
1
1
x
0
0
:
0
1
1
1
1
1
1
1
1
x
0
0
:
1
0
0
0
0
1
1
1
1
x
0
0
:
1
0
0
1
1
0
0
1
1
x
0
1
:
1
0
1
0
1
0
1
0
1
x
Attenuation
0dB
-1dB
:
-23dB
-25dB
-27dB
-29dB
-31.5dB
-34dB
-37.5dB
-42dB
-50dB
Speaker Mute
xx
Not used
Table 15.
Treble / Level gain (6)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Treble / Level Gain
0
0
:
0
0
1
1
:
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Treble
-14dB
-12dB
:
-2dB
0dB
0dB
+2dB
:
+12dB
+14dB
0
0
0
:
1
0
0
0
:
1
0
0
1
:
1
0
1
0
:
1
LEVEL Gain
0dB
0.66dB
1.33dB
:
10dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com