Electronic Components Datasheet Search
  English  ▼

X  

2R-5-UT5 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # 2R-5-UT5
Description  Gas DischargeTube(GDT)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2R-5-UT5 Datasheet(HTML) 4 Page - YAGEO Corporation

  2R-5-UT5 Datasheet HTML 1Page - YAGEO Corporation 2R-5-UT5 Datasheet HTML 2Page - YAGEO Corporation 2R-5-UT5 Datasheet HTML 3Page - YAGEO Corporation 2R-5-UT5 Datasheet HTML 4Page - YAGEO Corporation 2R-5-UT5 Datasheet HTML 5Page - YAGEO Corporation 2R-5-UT5 Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
4
6
Product Specification
2R-5-UT5 series
GAS DISCHARGE TUBS
Circuit Protection
www.yageo.com
Jul. 12, 2023 V.1
Impulse
Discharge Current
Maximum 8/20μs surge current that can be applied between two
electrodes, 5 positive and 5 negative surges, with 3 minutes interval
time.
0
10
50
90
100
Time
Impulse Width
8µs
20µs
Crest value
Alternating
Discharge Current
Rated RMS value of AC current at 50Hz, 1 sec. for 10 times with interval
time3min.
Insulation
Resistance
The resistance of gas tube shall be measured between two
electrodes.
Capacitance
The capacitance of gas tube shall be measured between two
electrodes. Test frequency: 1MHz
Recommended Soldering Conditions
Reflow Soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com