Electronic Components Datasheet Search
  English  ▼

X  

147 Datasheet(PDF) 30 Page - Abbatron All Rights Reserved

Part # 147
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

147 Datasheet(HTML) 30 Page - Abbatron All Rights Reserved

Back Button 147 Datasheet HTML 26Page - Abbatron All Rights Reserved 147 Datasheet HTML 27Page - Abbatron All Rights Reserved 147 Datasheet HTML 28Page - Abbatron All Rights Reserved 147 Datasheet HTML 29Page - Abbatron All Rights Reserved 147 Datasheet HTML 30Page - Abbatron All Rights Reserved 147 Datasheet HTML 31Page - Abbatron All Rights Reserved 147 Datasheet HTML 32Page - Abbatron All Rights Reserved 147 Datasheet HTML 33Page - Abbatron All Rights Reserved 147 Datasheet HTML 34Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
28
1.33
.38
I.D.
.16
.77
.19
.40
•
Power outlet is for use on a variety of small appliances and
electronic equipment. Are black, general purpose phenolic.
•
Black and white 6” wire leads are stripped 1/2” for convenience
and have green ground wire.
•
UL and CSA approved.
•
Rated at 15 Amps, 125 Volts AC.
PART NO.
PANEL
CUTOUT
TERMINAL
TYPE
POLARIZED
1280-103
AA
6" Wire Leads Yes, with ground
AA
1235
Coaxial Antenna Jack
1207
Coaxial Antenna Jack
Coaxial Antenna Connectors
Receptacles
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com