Electronic Components Datasheet Search
  English  ▼

X  

210 Datasheet(PDF) 27 Page - Abbatron All Rights Reserved

Part # 210
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

210 Datasheet(HTML) 27 Page - Abbatron All Rights Reserved

Back Button 210 Datasheet HTML 23Page - Abbatron All Rights Reserved 210 Datasheet HTML 24Page - Abbatron All Rights Reserved 210 Datasheet HTML 25Page - Abbatron All Rights Reserved 210 Datasheet HTML 26Page - Abbatron All Rights Reserved 210 Datasheet HTML 27Page - Abbatron All Rights Reserved 210 Datasheet HTML 28Page - Abbatron All Rights Reserved 210 Datasheet HTML 29Page - Abbatron All Rights Reserved 210 Datasheet HTML 30Page - Abbatron All Rights Reserved 210 Datasheet HTML 31Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
25
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
Uninsulated Phone Tip Plugs
•
Brass body with nickel plating.
•
Needle tips are nickel plated steel.
•
Wire leads solder into well in back of plug. On solderless
types, wire fits through hole in body, wraps around screw
portion and is held with knurled collar.
•
Rated at 12 Amps AC for 10oC temperature rise,
continuous duty.
PART
NO.
FIG.
TYPE
MOUNTING
STYLE
124
A
Solderless
Threaded
Long tip
Replaceable
needle tip
Earphone tip,
machined
Wire Mnt.
128
B
108
C
Solder
Solder
Threaded
Insulated Phone Tip Plugs
•
Body is brass with nickel plating. Handle is molded plastic
as indicated in table.
•
Colors: All of the above plugs are offered in standard -102
red or -103 black. Add color as suffix to part number. Other
colors such as white, yellow, green and blue are available
by special order.
•
Please see pages 6 and 8 for jumpers or test leads using
these plugs and page 9 for test prods. Need something similar
but different? We have or can make what you need to get
the job done.
A
B
C
PART
NO.
FIG.
TYPE
HANDLE
MATERIAL
AMPS
VOLTS
235
A
RA Solder
ABS
12
1 KV
203
B
Solder
Nylon
12
1 KV
200
C
Solderless
Nylon
12
1 KV
Phone Tip Plugs
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com