Electronic Components Datasheet Search
  English  ▼

X  

511154 Datasheet(PDF) 3 Page - Hutchinson Paulstra

Part # 511154
Description  RADIAFLEX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAULSTRA [Hutchinson Paulstra]
Direct Link  https://www.paulstra-industry.com/en
Logo PAULSTRA - Hutchinson Paulstra

511154 Datasheet(HTML) 3 Page - Hutchinson Paulstra

  511154 Datasheet HTML 1Page - Hutchinson Paulstra 511154 Datasheet HTML 2Page - Hutchinson Paulstra 511154 Datasheet HTML 3Page - Hutchinson Paulstra 511154 Datasheet HTML 4Page - Hutchinson Paulstra  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ø C
25.5
M6
4
35
4
511154
20
15
M6
4
60
55
50
3,5
5,5
8
511164
511162
511163
25,5
15
20
30
M8
6
80
6
511156
30
22
M10
8
150
120
120
120
4.5
7
10
11
20
20
20
20
520520
520521
520522
520523
28
35
40
45
5.5
6.5
7.5
9
40
H
mm
Max.
load
daN
Deflect.
mm
Max.
load
daN
Deflect.
mm
Ref.
B
mm
Ø C
mm
47
1100
900
750
600
8
12
12
23
7
10
17
20
60
60
60
60
520100
520101
520102
520103
100
40
55
80
100
M16
14
70
80
12
35
600
500
400
8
17
19
40
40
40
520044
520045
520046
40
70
80
M14
7
15
17
9
25
450
350
300
7.5
10
14
35
35
35
520040
520041
520042
35
50
70
M10
6.5
11
15
8
25
300
250
8
10
30
30
520038
520039
60
36
45
M10
7
9
25
250
190
8
11
25
25
520035
520036
50
35
45
M10
7
9
8
M8
20
150
120
4.5
10
20
20
520056
520058
30
40
5.5
7.5
6
M10
25
160
150
120
120
120
4
5
7.5
10
11
20
20
20
20
20
520029
520030
520031
520032
520033
40
20
28
35
40
45
3
5.5
6.5
7.5
9
8
M8
25
90
80
70
60
3
4.5
7.5
9
11
11
11
11
520025
520026
520027
520028
30
15
22
30
40
2.5
4
6
7.5
6
M6
18
60
50
50
2.5
3.5
7.5
8
8
8
520052
520055
520057
15
20
30
8.5
4
6
4
M8
20
50
50
50
50
3.5
5
7.5
10
8
8
8
6
520021
520022
520023
520024
22
25
30
40
4
4.5
6
6
6
M6
16.5
35
30
30
25
2.5
4.5
5.5
7
5
5
4.5
4.5
520015
520016
520017
520018
20
15
20
25
30
2.5
5
4.5
4.5
4
14
1110
900
1100
600
750
600
8
12
8
10
19
23
60
60
180
140
60
60
7
10
10
12
17
20
520541
520542
520545
520546
520543
520547
100
40
55
60
75
80
100
M16
10
120
10
20
520556
40 M12
7.5
12
600
500
450
7
17
19
40
40
40
520534
520535
520536
40
70
80
M14
7
15
17
80
8
250
190
7
10
25
25
520525
520526
50
35
45
M10
7
9
8
300
250
7
9
30
30
520528
520529
60
36
45
M10
7
9
9
450
350
300
7
9
14
35
35
35
520530
520531
520532
70
35
50
70
M10
6.5
11
15
30
25.5
M8
6
80
70
60
4
7.5
9
11
11
11
520516
520517
520518
22
30
40
4
6
7.5
M8
6
150
120
4.5
10
20
20
520552
520553
30
40
5.5
7.5
520010
520011
520012
520013
1.5
2
4
5
2.5
2.5
2.5
2
1.5
3
4
5
M5
12
3
20
20
15
15
10
15
20
25
M6
4
50
50
3
7.5
8
8
520554
520555
20
30
4
6
28
600
7
10
520059
40
M12
7
10
H
mm
1.5
3
2.5
2.5
1.5
2
M4 2.5
520550
520551
10
15
20
20
2
1.5
3
2.5
1.5
2.5
Deflect.
mm
Max.
load
daN
COMBINATION FIXING
THREADED HOLE FIXING
36
Ø 16 mounts with threaded holes are fitted with RAPID nuts. Maximum
torque 1.8 m.N.
See current price list for availability of items.
* Shear characteristics are measured under axial load.
G
mm
Max.
load
daN
Deflect.
mm
Compression
Shear*
Ref.
Ø A
mm
B
mm
Ø C
mm
M4
10
520053
520054
16
10
15
Compression
Shear*
Ø A
mm
M5
3
20
20
15
15
2.5
2.5
2.5
2
520500
520501
520502
520503
16
10
15
20
25
1.5
3
4
5
M6
4
35
30
30
25
2.5
4.5
5.5
7
5
5
4.5
4.5
520505
520506
520507
520508
20
15
20
25
30
M8
6
50
50
50
50
3
4.5
7.5
10
8
8
8
6
520511
520512
520513
520514
22
25
30
40
1.5
2
4
5
2.5
3.5
4.5
4.5
4
4.5
6
6
20
Max load
daN
H
mm
Deflect.
mm
Compression
Ref.
Ø A
mm
B
mm
M4
2,5
20
20
2
3
511152
511153
16
10
15
Ø C
Ø A
Ne
w !
ONE THREADED HOLE
Ø C
Ø A
Ø A
Ø C
Ø C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com