Electronic Components Datasheet Search
  English  ▼

X  

GS108-400NAS Datasheet(PDF) 4 Page - NETGEAR, Inc.

Part # GS108-400NAS
Description  5-port, 8-port and 16-port Gigabit Ethernet Unmanaged Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NETGEAR [NETGEAR, Inc.]
Direct Link  https://www.netgear.com/
Logo NETGEAR - NETGEAR, Inc.

GS108-400NAS Datasheet(HTML) 4 Page - NETGEAR, Inc.

  GS108-400NAS Datasheet HTML 1Page - NETGEAR, Inc. GS108-400NAS Datasheet HTML 2Page - NETGEAR, Inc. GS108-400NAS Datasheet HTML 3Page - NETGEAR, Inc. GS108-400NAS Datasheet HTML 4Page - NETGEAR, Inc. GS108-400NAS Datasheet HTML 5Page - NETGEAR, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE 4 of 5
5-port, 8-port and 16-port Gigabit Ethernet
Unmanaged Switches
Data Sheet | GS105, GS108, GS116
Environmental Specifications
GS105v5
GS108v4
GS116v2
Operating
Operating Temperature (Switch)
32° to 122°F
(0° to 50°C) 
32° to 122°F
(0° to 50°C)
32° to 122°F
(0° to 50°C) 
Operating Temperature (Adapter)
32° to 104°F
(0° to 40°C)
32° to 104°F
(0° to 40°C)
32° to 104°F
(0° to 40°C)
Humidity 
90% maximum relative humidity, non-condensing 
Altitude
10,000 ft (3,000 m) maximum
Storage
Storage Temperature 
– 4° to 158°F (–20° to 70°C) 
Humidity 
95% maximum relative humidity, non-condensing 
Altitude
10,000 ft (3,000 m) maximum
Electromagnetic Emissions and Immunity
Certifications Class
B
(CE, FCC Part 15, ICES-003,
VCCI, RCM, CCC)
B
(CE, FCC Part 15, ICES-003,
VCCI, RCM, BSMI)
A
(CE, FCC Part 15, ICES-003,
VCCI, RCM, VCCI, KC, CCC)
Safety
Certifications
CB, CCC
CE LVD
CB, CE LVD, CCC
EN 60950-1
EN 60950-1
EN 60950-1
Warranty and Support*
Hardware Warranty
Limited lifetime* on switch and 2-year on power adapter
Live Chat Support
Limited lifetime*
Next Business Day Replacement
Limited lifetime*
ProSUPPORT OnCall 24x7
Service Plans
PMB0S11 (1 yr)
PMB0S31 (3 yrs)
PMB0S51 (5 yrs)
PMB0S11 (1 yr)
PMB0S31 (3 yrs)
PMB0S51 (5 yrs)
PMB0S12 (1 yr)
PMB0S32 (3 yrs)
PMB0S52 (5 yrs)
Package Content
All models
Gigabit Ethernet Switch
Power adapter (localized to country of sale)
Wall mount kit and rubber feet
Installation Guide
Technical Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com