Electronic Components Datasheet Search
  English  ▼

X  

ADBMS2960 Datasheet(PDF) 1 Page - Analog Devices

Part # ADBMS2960
Description  Battery Pack and Link Monitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2960 Datasheet(HTML) 1 Page - Analog Devices

  ADBMS2960 Datasheet HTML 1Page - Analog Devices ADBMS2960 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Battery Pack and Link Monitors
Data Sheet
ADBMS2960/ADBMS2961/ADBMS2962
FEATURES
Battery pack current measurement
Buffered analog inputs
Continuous operation option
Lossless measurement for coulomb counting
1 ms update rate
±0.1% maximum gain error
±1 µV maximum offset
Redundant implementation
Battery pack voltage measurement
Buffered analog inputs
Synchronous with current measurement
Differential and single-ended mode
Redundant implementation
Up to 20 voltage measurement channels
Buffered analog inputs
On-demand operation
Differential and single-ended mode
Redundant implementation
Built-in external reference
True ratiometric measurements
Overcurrent detection
Triple redundancy with majority voting
PWM output options
Built-in isoSPI™ interface
2 Mbps isolated serial communications
Capacitor or transformer coupled
Daisy-chaining option
4-wire SPI option
General-purpose digital IO
Six general-purpose outputs (GPOs)
Dual threshold read-back of GPOs
Four GPIOs configurable as an I2C or SPI controller
48-Lead side-solderable QFN package
AEC-Q100 qualified
Developed for use in ISO 26262 applications for automotive
safety integrity level capability D (ASIL D)
APPLICATIONS
Electric and hybrid electric vehicles
Backup battery systems
Grid energy storage
GENERAL DESCRIPTION
The ADBMS2960 and ADBMS2962 are battery pack monitors
and the ADBMS2961 is a link monitor for electrical and hybrid
vehicles, and other current or voltage sense applications.
The term ADBMS Pack Monitor refers to the ADBMS2960 and
ADBMS2962. The term ADBMS Link Monitor refers to the
ADBMS2961.
The ADBMS Pack Monitor measures the current flowing in
and out of a battery pack by sensing the voltage drop over a
shunt resistor with very low offset. It also detects overcurrent
conditions by fast overcurrent ADCs with digital threshold
comparators and communicates them by dedicated overcurrent
alert lines with minimum delay.
Six digital outputs (GPO) supporting open-drain or push-pull
mode can be used to control HV transistors to disconnect
external resistor dividers. Four digital general-purpose
inputs/outputs (GPIO) can also operate as an I2C/SPI controller
interface to address external serial peripherals (such as
EEPROM).
A total of 12 dedicated buffered high-impedance inputs (V1 to
V10, VBAT1, and VBAT2) are provided for measuring voltages
from external sensors or resistor dividers enabling
measurement of pack voltages, temperatures, HV-Link
voltages, chassis isolation, and supervision of the state of
contactors and fuses. An additional eight buffered high-
impedance inputs (V11 to V18) are available in certain
configurations for a total of 20 inputs. The built-in serial
interface of the ADBMS Pack Monitor can be configured for
SPI or isolated isoSPI communication with the BMS controller.
It has an additional isoSPI port, which allows connecting a
daisy-chain of ADBMS Pack Monitor devices, optionally
extended withADBMS6834/6836/6837 cell monitors (ADBMS
cell monitors).
Table 1. ADBMS296x Derivative Overview
FEATURE
ADBMS2960
ADBMS2961
ADBMS2962
isoSPI Ports
2
2
−
SPI
1
1
1
Current Channels
2
−
2
Overcurrent Channels
3
−
3
Pack Voltage Channels
2
2
2
HV Voltage Channels
10 to 18
10 to 18
10 to 18
GPOs
6
6
6
GPIOs
4
4
4
Rev. SpB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or
other rights of third parties that mayresult from its use. Specifications subjectto change without
notice. No license is granted by implication or otherwise under any patent or patent rights of
Analog Devices. Trademarks and registered trademarks are the property of their respective
owners.
One
Analog
Way,
Wilmington,
MA
01887-2356,
U.S.A.
Tel: 781.935.5565
©2025 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADBMS2960

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
ADBMS2950B AD-ADBMS2950B Datasheet
9Mb / 97P
Battery Pack Monitor
Rev. 0
ADBMS2950BCCSZ AD-ADBMS2950BCCSZ Datasheet
9Mb / 97P
Battery Pack Monitor
Rev. 0
ADBMS2950BCCSZ-RL AD-ADBMS2950BCCSZ-RL Datasheet
9Mb / 97P
Battery Pack Monitor
Rev. 0
ADBMS2951 AD-ADBMS2951 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
More results

Similar Description - ADBMS2960

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6804-1 LINER-LTC6804-1 Datasheet
934Kb / 72P
Multicell Battery Monitors
LTC6804-1 LINER-LTC6804-1_15 Datasheet
927Kb / 74P
Multicell Battery Monitors
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
Multicell Battery Monitors
LTC6811-1 LINER-LTC6811-1 Datasheet
2Mb / 88P
Multicell Battery Monitors
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
logo
Beckhoff Automation Gmb...
C9900-U330 BECKHOFF-C9900-U330 Datasheet
105Kb / 2P
Battery pack
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
Battery pack
logo
Pepperl+Fuchs Inc.
EX-BPS02 PF-EX-BPS02 Datasheet
1Mb / 1P
Battery pack
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com