Electronic Components Datasheet Search
  English  ▼

X  

ADPL42005 Datasheet(PDF) 20 Page - Analog Devices

Part # ADPL42005
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPL42005 Datasheet HTML 16Page - Analog Devices ADPL42005 Datasheet HTML 17Page - Analog Devices ADPL42005 Datasheet HTML 18Page - Analog Devices ADPL42005 Datasheet HTML 19Page - Analog Devices ADPL42005 Datasheet HTML 20Page - Analog Devices ADPL42005 Datasheet HTML 21Page - Analog Devices ADPL42005 Datasheet HTML 22Page - Analog Devices ADPL42005 Datasheet HTML 23Page - Analog Devices ADPL42005 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
20 of 26
Figure 47. Typical Power-Good Threshold vs. Temperature, VOUT Falling
Noise Reduction of the ADPL42005 in Adjustable Mode
The ultralow output noise of the fixed output ADPL42005 is achieved by keeping the LDO error amplifier in unity gain
and setting the reference voltage equal to the output voltage. This architecture does not work for an adjustable
output voltage LDO. The adjustable output ADPL42005 uses the more conventional architecture, where the reference
voltage is fixed and the error amplifier gain is a function of the output voltage. The disadvantage of the conventional
LDO architecture is that the output voltage noise is proportional to the output voltage.
The adjustable LDO circuit can be modified slightly to reduce the output voltage noise to levels close to that of the
fixed output ADPL42005. The circuit shown in Figure 48 adds two additional components to the output voltage
setting resistor divider. CNR and RNR are added in parallel with RFB1 to reduce the ac gain of the error amplifier. RNR is
chosen to be equal to RFB2. This limits the AC gain of the error amplifier to approximately 6dB. The actual gain is the
parallel combination of RNR and RFB1 divided by RFB2. This ensures the error amplifier always operates at greater than
unity gain.
CNR is chosen by setting the reactance of CNR equal to RFB1 − RNR at a frequency between 50Hz and 100Hz. This sets the
frequency where the AC gain of the error amplifier is 3dB down from its DC gain.
Figure 48. Noise Reduction Modification to Adjustable LDO
Current Limit and Thermal Overload Protection
The ADPL42005 is protected against damage due to excessive power dissipation by current and thermal overload
protection circuits. The ADPL42005 is designed to current limit when the output load reaches 775mA (typical). When
the output load exceeds 775mA, the output voltage is reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the junction temperature to a maximum of 150°C (typical).
Under extreme conditions (that is, high ambient temperature and/or high power dissipation) when the junction
temperature starts to rise above 150°C, the output is turned off, reducing the output current to zero. When the
0
1
2
3
4
5
6
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
VOUT (V)
PG –40°C
PG –5°C
PG +25°C
PG +85°C
PG +125°C
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
ADJ
EN/
UVLO
COUT
1µF
CIN
1µF
ON
OFF
RNR
13kΩ
RFB2
13kΩ
+
+
RFB1
40.2kΩ
CNR
100nF
+
RPG
100kΩ
R2
100kΩ
R1
100kΩ
ADPL42005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com