Electronic Components Datasheet Search
  English  ▼

X  

07H Datasheet(PDF) 2 Page - YAGEO Corporation

Part # 07H
Description  Metal Oxide Varistors (MOV)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

07H Datasheet(HTML) 2 Page - YAGEO Corporation

  07H Datasheet HTML 1Page - YAGEO Corporation 07H Datasheet HTML 2Page - YAGEO Corporation 07H Datasheet HTML 3Page - YAGEO Corporation 07H Datasheet HTML 4Page - YAGEO Corporation 07H Datasheet HTML 5Page - YAGEO Corporation 07H Datasheet HTML 6Page - YAGEO Corporation 07H Datasheet HTML 7Page - YAGEO Corporation 07H Datasheet HTML 8Page - YAGEO Corporation 07H Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product Specification
07H
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Apr. 11, 2022 V.0
Metal Oxide Varistors (MOV) Data Sheet
Features
■
Wide operating voltage (V1mA) range from 18V to 910V
■
Fast responding to transient over-voltage
■
Large absorbing transient energy capability
■
Low clamping ratio and no follow-on current
■
Meets MSL level 1, per J-STD-020
■
Operating Temperature:-40℃ ~ +140℃
■
Storage Temperature:-40℃ ~ +140℃
■
Safety certification: UL: E327997
TUV: B0960480010
CQC:17001172542
CSA: 246579
Applications
■
Transistor, diode, IC, thyristor or triac semiconductor protection
■
Surge protection in consumer electronics
■
Surge protection in industrial electronics
■
Surge protection in electronic home appliances, gas and petroleum appliances
■
Relay and electromagnetic valve surge absorption
Part Number Code
K
H
Tolerance
K: ±10%
Type
H: High temperture
Element Diameter
05~20
Lead Shape
No suffix: Straight leads
O: Outside crimped leads
Surge Series
No suffix: Standard type
J: High Surge type
Packaging
No suffix: Bulk
TB: Tape & Box
TR: Tape & Reel
Varistor Voltage
180: 18V
101: 100V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com