Electronic Components Datasheet Search
  English  ▼

X  

32D Datasheet(PDF) 4 Page - YAGEO Corporation

Part # 32D
Description  Metal Oxide Varistor (MOV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

32D Datasheet(HTML) 4 Page - YAGEO Corporation

  32D Datasheet HTML 1Page - YAGEO Corporation 32D Datasheet HTML 2Page - YAGEO Corporation 32D Datasheet HTML 3Page - YAGEO Corporation 32D Datasheet HTML 4Page - YAGEO Corporation 32D Datasheet HTML 5Page - YAGEO Corporation 32D Datasheet HTML 6Page - YAGEO Corporation 32D Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
6
Product Specification
32D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Oct. 06, 2020 V.1
Electrical characteristics
Part
Number
Maximum
Allowable
Voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Withstandin
g
Surge
Current
Maximum
Energy
(10/1000μs
)
Typical
Capacitanc
e
(Reference)
VAC(V)
VDC(V)
V1mA(V)
IP(A)
VC(V)
I (A)
(J)
@1KHz (pf)
101KD32
60
85
100(90~110)
200
165
25000
170
6100
121KD32
75
100
120(108~132)
200
200
25000
200
5600
151KD32
95
125
150(135~165)
200
250
25000
225
5400
181KD32
115
150
180(162~198)
200
300
25000
240
5350
201KD32
130
170
200(180~220)
200
340
25000
250
5200
221KD32
140
180
220(198~242)
200
360
25000
270
5150
241KD32
150
200
240(216~264)
200
395
25000
290
5100
271KD32
175
225
270(243~297)
200
455
25000
300
4800
301KD32
190
250
300(270~330)
200
500
25000
330
4550
331KD32
210
275
330(297~363)
200
550
25000
360
4300
361KD32
230
300
360(324~396)
200
595
25000
380
3900
391KD32
250
320
390(351~429)
200
650
25000
400
3200
431KD32
275
350
430(387~473)
200
710
25000
430
3100
471KD32
300
385
470(423~517)
200
775
25000
460
2800
511KD32
320
415
510(459~561)
200
845
25000
510
2700
561KD32
350
460
560(504~616)
200
925
25000
540
2550
621KD32
385
505
620(558~682)
200
1025
25000
570
2400
681KD32
420
560
680(612~748)
200
1120
25000
600
2200
751KD32
460
615
750(675~825)
200
1240
25000
620
2000
781KD32
485
640
780(702~858)
200
1290
25000
660
1900
821KD32
510
670
820(738~902)
200
1355
25000
700
1800
911KD32
550
745
910(819~1001)
200
1500
25000
750
1300
951KD32
575
765
950(855~1045)
200
1570
25000
780
1200
102KD32
625
825
1000(900~1100)
200
1650
25000
810
1100
112KD32
680
895
1100(990~1210)
200
1815
25000
910
1000
122KD32
750
990
1200(1080~1320)
200
1980
25000
960
920
142KD32
880
1140
1400(1260~1540)
200
2310
25000
1020
800
162KD32
1000
1280
1600(1440~1760)
200
2640
25000
1080
700



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com