Electronic Components Datasheet Search
  English  ▼

X  

BMP384 Datasheet(PDF) 51 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 51 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 55Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
51 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
7.4.
Soldering guidelines
The moisture sensitivity level of the BMP384 sensors corresponds to JEDEC Level 3, see also:
•
IPC/JEDEC J-STD-020E “Joint Industry Standard: Moisture/Reflow Sensitivity Classification for non-hermetic Solid
State Surface Mount Devices”
•
IPC/JEDEC J-STD-033D “Joint Industry Standard: Handling, Packing, Shipping and Use of Moisture/Reflow Sensitive
Surface Mount Devices”.
BMP384 sensors being covered by a dry package should be used within 7 days after opening the package/exposure to the
environment.
The sensor fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC standard, i.e. reflow soldering
with a peak temperature up to 260°C. The minimum height of the solder after reflow shall be at least 20 µm. This is required
for good mechanical decoupling between the sensor device and the printed circuit board (PCB).
Figure 27: Soldering profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com