Electronic Components Datasheet Search
  English  ▼

X  

MM10 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MM10
Description  Miniature PMDC Motor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MM10 Datasheet(HTML) 1 Page - Multicomp Pro

  MM10 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
23/06/22
Miniature PMDC Motor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Standard Operating Conditions
Rated Voltage
: 3V DC
Direction of Rotation
: CWW
Electrical Characteristics (at initial stage after 30 seconds run-in)
No Load Current
: 0.4A Max.
No Load Speed
: 16000 ±10%rpm
Rated Load
: 11.9 g.cm (tested with fan)
Rated Current
: 1.5A Max.
Rated Speed
: 12400 ±8%rpm
Noise
: 30cm ≤68dB
Torque
: 10 g-cm
Output Watts
: 1.23W
Mechanical Characteristics
End Play
: 0.05mm to 0.45mm
Runout of shaft extension : 0.02mm Max.
Diagram
Dimensions : Millimetres
Part Number Table
Description
Part Number
Miniature Permanent Magnet DC Motor, 3V DC
MM10
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - MM10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM1001 ETC-MM1001 Datasheet
135Kb / 3P
Resistive humidity sensor/module
logo
Mitsumi Electronics, Co...
MM1002 MITSUMI-MM1002 Datasheet
104Kb / 6P
Video Amplifier
MM1002F MITSUMI-MM1002F Datasheet
104Kb / 6P
Video Amplifier
logo
Mitsubishi Electric Sem...
MM1006 MITSUBISHI-MM1006 Datasheet
116Kb / 4P
Monolithic IC MM1006
logo
Mitsumi Electronics, Co...
MM1007 MITSUMI-MM1007 Datasheet
133Kb / 4P
HBS-Compatible Driver and Receiver
More results

Similar Description - MM10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M Datasheet
76Kb / 5P
Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
Littelfuse
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H Datasheet
52Kb / 2P
12 AMP MINIATURE MINIATURE
logo
Altech corporation
MA0.16U ALTECH-MA0.16U Datasheet
222Kb / 3P
Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M_09 Datasheet
151Kb / 6P
Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
logo
Altech corporation
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com