Electronic Components Datasheet Search
  English  ▼

X  

700 Datasheet(PDF) 2 Page - Curtis Instruments, Inc.

Part # 700
Description  SOLID STATE DIGITAL METER MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CURTIS [Curtis Instruments, Inc.]
Direct Link  https://www.curtisinstruments.com/
Logo CURTIS - Curtis Instruments, Inc.

700 Datasheet(HTML) 2 Page - Curtis Instruments, Inc.

  700 Datasheet HTML 1Page - Curtis Instruments, Inc. 700 Datasheet HTML 2Page - Curtis Instruments, Inc. 700 Datasheet HTML 3Page - Curtis Instruments, Inc. 700 Datasheet HTML 4Page - Curtis Instruments, Inc. 700 Datasheet HTML 5Page - Curtis Instruments, Inc. 700 Datasheet HTML 6Page - Curtis Instruments, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7 0 0 S E R I E S
M O D E L C O D I N G A S S E M B L Y M O D U L E S 7 0 0 , 7 0 1 , 7 0 3
M O D E L C O D I N G A S S E M B L Y M O D U L E S 7 0 8 , 7 2 0 , 7 2 1
700
P
N
-
0
0
0
Model
Digit
Reset Control
Functions
Voltage
Reset/Backlight
Number
Height
Options
Configurations (1)
700 (6-digit)
P - 5mm
R - Wired Reset
0 - AC/DC
0 - 5-12 VDC nom (4.75-15 abs)
0 - No Reset, No Backlight
Hour Meter
digits
N - No Reset
(700 only)
6-12 VAC nom (5-15 abs)
2 - Reset, No Backlight
P7(2)- 7mm
1 - DC only with
1 - 12-48 VDC nom (9-60 abs)
H - Reset, Internal Backlight (3)
701 (6-digit)
digits
wired Enable
20-60 VAC nom (15-75 abs)
J - No Reset, Internal Backlight (3)
Hour Meter
for Hour/Count
(701&703 only)
2 - 48-150 VDC nom (36-185 abs)
4 - Reset, External Backlight
100-230 VAC nom (75-287 abs)
5 - No Reset, External Backlight
703 (6-digit)
2 - AC/DC with
Pulse Counter
wired Enable
4 - 12 VDC only (9-15 abs)
(701&703 only)
Backlight Options “H” & “J” only.
NOTE:
(1) All Backlight configurations - require 12 VDC (only) connection to illumination pin.
(2) 7mm models - Backlighting only available as External.
(3) Available only in 5mm & with voltage option 4 only.
708
P
R
- x x x x
Model Number (& function)
Digit Height
Reset Control Options
Sequential Specification
708 (6-digit)
All Models
Model 708/721
Dual Channel
P - 5mm digits
R - Wired Reset
Maintenance/Hour Meter
for Maintenance
or Trip Display
720 (7-digit)
Single Channel
Odometer
Model 720
R - Wired Reset
721 (7-digit)
Dual Channel
Odometer/Trip Odometer
Consult Curtis for: display for-
mat, voltages, connection termi-
nation, backlighting, pre-scaling
and programming options.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com