Electronic Components Datasheet Search
  English  ▼

X  

ACPL-K43CT Datasheet(PDF) 13 Page - Abracon Corporation

Part # ACPL-K43CT
Description  Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a Stretched 8-Pin Surface-Mount Plastic Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-K43CT Datasheet(HTML) 13 Page - Abracon Corporation

Back Button ACPL-K43CT Datasheet HTML 8Page - Abracon Corporation ACPL-K43CT Datasheet HTML 9Page - Abracon Corporation ACPL-K43CT Datasheet HTML 10Page - Abracon Corporation ACPL-K43CT Datasheet HTML 11Page - Abracon Corporation ACPL-K43CT Datasheet HTML 12Page - Abracon Corporation ACPL-K43CT Datasheet HTML 13Page - Abracon Corporation ACPL-K43CT Datasheet HTML 14Page - Abracon Corporation ACPL-K43CT Datasheet HTML 15Page - Abracon Corporation ACPL-K43CT Datasheet HTML 16Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Broadcom
ACPL-K43CT-K44CT-DS100
13
ACPL-K43CT, ACPL-K44CT Data Sheet
Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a
Stretched 8-Pin Surface-Mount Plastic Package
Thermal Resistance Model for ACPL-K43CT
The diagram of ACPL-K43CT for measurement is shown in Figure 17. Here, one die is heated first and the temperatures of
all the dice are recorded after thermal equilibrium is reached. Then, the second die is heated and all the dice temperatures
are recorded. With the known ambient temperature, the die junction temperature and power dissipation, the thermal
resistance can be calculated. The thermal resistance calculation can be cast in matrix form. This yields a 2 by 2 matrix for
the case of two heat sources.
Figure 17: Diagram of ACPL-K43CT for Measurement
R11
R12
×
P1
=
ΔT1
R21
R22
P2
ΔT2
Measurement data on a low K board:
R11
: Thermal Resistance of Die1 due to heating of Die1 (°C/W)
R12
: Thermal Resistance of Die1 due to heating of Die2 (°C/W)
R21
: Thermal Resistance of Die2 due to heating of Die1 (°C/W)
R22
: Thermal Resistance of Die2 due to heating of Die2 (°C/W)
P1
: Power dissipation of Die1 (W)
P2
: Power dissipation of Die2 (W)
T1
: Junction temperature of Die1 due to heat from all dice (°C)
T2
: Junction temperature of Die2 due to heat from all dice (°C)
Ta
: Ambient temperature (°C)
ΔT1
: Temperature difference between Die1 junction and ambient (°C)
ΔT2
: Temperature difference between Die2 junction and ambient (°C)
T1
= (R11 × P1 + R12 × P2 ) + Ta
T2
= (R21 × P1 + R22 × P2 ) + Ta
R11
R12
R21
R22
160°C/W
74°C/W
115°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com